Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E32-R16 Datasheet HTML 1Page - Omron Electronics LLC E32-R16 Datasheet HTML 2Page - Omron Electronics LLC E32-R16 Datasheet HTML 3Page - Omron Electronics LLC E32-R16 Datasheet HTML 4Page - Omron Electronics LLC E32-R16 Datasheet HTML 5Page - Omron Electronics LLC E32-R16 Datasheet HTML 6Page - Omron Electronics LLC E32-R16 Datasheet HTML 7Page - Omron Electronics LLC E32-R16 Datasheet HTML 8Page - Omron Electronics LLC E32-R16 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
E3X-NH
E3X-NH
5
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
: E3X-NH
j
: E3X-NHB
j
Application
Features
Appearance
Sensing distance (mm) *1
Min.
sensing
object
Model
Permis-
sible
bending
radius
Side-view
reflective
6 dia.; long distance
6-mm dia.
40
0.015-mm
dia.
E32-D14L
25 mm
2 dia.; small diameter
space-saving
2-mm dia.
15
0.012-mm
dia.
E32-D24
Heat-resisting
reflective
PTFE-covered*3; withstands
chemicals and harsh environ-
ments
(operating ambient
temperature: –30
_C to 70_C)
6-mm dia.
50
10
0.012-mm
dia.
E32-D12F
40 mm
Resists 150
°C*2; fiber sheath
material: fluororesin
(operating ambient
temperature: –40
_C to 150_C)
M6 screw
120
12
E32-D51
35 mm
Resists 300
°C*4; fiber sheath
material: stainless steel
(operating ambient
temperature: –40
_C to 300_C)
M6 screw
45
E32-D61
25 mm
Resists 400
°C*4; fiber sheath
material: stainless steel
(operating ambient tempera-
ture: –40
_C to 400_C)
M4 screw 1.25-mm dia.
30
E32-D73
Retroreflective
Transparent object detection
M6 screw
Reflector
E39-R3
10 to 250
0.3-mm
dia.
E32-R21
+E39-R3
25 mm
Transparent object detection
(operating ambient tempera-
ture: –25
_C to 55_C);
degree of protection: IEC60529
IP66
Reflector
E39-R1
150 to 1,500
0.5-mm
dia.
E32-R16
+E39-R1
Limited
reflective
Detects wafers and small
differences in height;
(operating ambient
temperature: –40
_C to 105_C);
degree of protection: IEC60529
7.2
±0.8
0.012-mm
dia.
E32-L25L
10 mm
degree of protection: IEC60529
IP50
4
±2
E32-L24L
Detects wafers and small
differences in height;
degree of protection: IEC60529
3.3
E32-L25
25 mm
degree of protection: IEC60529
IP50
3.3
E32-L25A
Fluid-level
detection
Fluid contact type: unbendable
section L 150 mm, 350 mm (two
types)
Pure water
at 25
_C
E32-D82F1
E32-D82F2
40 mm
Tube-mounting type
Fluid
E32-L25T
10 mm
Note:
1. For common specifications of the Fiber Unit, refer to page 6.
2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens).
3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. In case of the reflective Fiber
Units, however, the sensing distance indicates the distance where the smallest object can be sensed.
*1 Sensing distance indicates values for white paper.
*2 For continous operation, use the products within the temperature ranging from –40
°C to 130°C.
*3 PTFE is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
*4 Indicates the heat-resistant temperature at the fiber tip. For further details, refer to page 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com