Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 66 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 66 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 62Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 63Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 64Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 65Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 66Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 67Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 68Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 69Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 70Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
E5DC/E5DC-B
66
Characteristics
*1. The indication accuracy of K thermocouples in the −200 to 1,300°C range, T and N thermocouples at a temperature of −100°C max., and U
and L thermocouples at any temperature is
±2°C ±1 digit max. The indication accuracy of B thermocouples at a temperature of 400°C max. is
not specified. The indication accuracy of B thermocouples at a temperature of 400 to 800
°C is ±3°C max.
The indication accuracy of R and S thermocouples at a temperature of 200
°C max. is ±3°C ±1 digit max. The indication accuracy of C/W
thermocouples is (
±0.3% of PV or ±3°C, whichever is greater) ±1 digit max.
The indication accuracy of PLII thermocouples is (
±0.3% of PV or ±2°C, whichever is greater) ±1 digit max.
*2. However, the precision between 0 and 4 mA for a 0 to 20 mA output is ±1% FS max.
*3. Ambient temperature: −10°C to 23°C to 55°C, Voltage range: −15% to 10% of rated voltage
*4. K thermocouple at −100°C max.: ±10°C max.
*5. The unit is determined by the setting of the Integral/Derivative Time Unit parameter.
*6. External serial communications (RS-485) and USB-Serial Conversion Cable communications can be used at the same time.
*7. Refer to your OMRON website for the most recent information on applicable models.
*8. Refer to information on maritime standards in Shipping Standards on page 124 for compliance with Lloyd's Standards.
*9. Industrial electromagnetic environment (EN/IEC 61326-1 Table 2)
Indication accuracy
(when mounted individually,
ambient temperature of 23
°C)
Thermocouple: (
±0.3 % of indication value or ±1°C, whichever is greater) ±1 digit max.*1
Platinum resistance thermometer: (
±0.2 % of indication value or ±0.8°C, whichever is greater) ±1 digit max.
Analog input:
±0.2% FS ±1 digit max.
CT input:
±5% FS ±1 digit max.
Simple transfer output accuracy
±0.3% FS max.*2
Influence of temperature
*3
Thermocouple input (R, S, B, C/W, PL II): (
±1% of indication value or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple input: (
±1% of indication value or ±4°C, whichever is greater) ±1 digit max. *4
Platinum resistance thermometer: (
±1% of indication value or ±2°C, whichever is greater) ±1 digit max.
Analog input:
±1% FS ±1 digit max.
CT input:
±5% FS ±1 digit max.
Influence of voltage
*3
Influence of EMS. (at EN 61326-1)
Installation influence (E5DC only) R, S, B, W, or PLII thermocouple: (±1% of PV or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple: (
±1% of PV or ±4°C, whichever is greater) ±1 digit max. *4
Input sampling period
50 ms
Hysteresis
Temperature input: 0.1 to 999.9
°C or °F (in units of 0.1°C or °F)
Analog input: 0.01% to 99.99% FS (in units of 0.01% FS)
Proportional band (P)
Temperature input: 0.1 to 999.9
°C or °F (in units of 0.1°C or °F)
Analog input: 0.1% to 999.9% FS (in units of 0.1% FS)
Integral time (I)
0 to 9999 s (in units of 1 s), 0.0 to 999.9 s (in units of 0.1 s)
*5
Derivative time (D)
0 to 9999 s (in units of 1 s), 0.0 to 999.9 s (in units of 0.1 s)
*5
Proportional band (P) for cooling
Temperature input: 0.1 to 999.9
°C or °F (in units of 0.1°C or °F)
Analog input: 0.1% to 999.9% FS (in units of 0.1% FS)
Integral time (I) for cooling
0 to 9999 s (in units of 1 s), 0.0 to 999.9 s (in units of 0.1 s)
*5
Derivative time (D) for cooling
0 to 9999 s (in units of 1 s), 0.0 to 999.9 s (in units of 0.1 s)
*5
Control period
0.1, 0.2, 0.5, 1 to 99 s (in units of 1 s)
Manual reset value
0.0% to 100.0% (in units of 0.1%)
Alarm setting range
−1,999 to 9,999 (decimal point position depends on input type)
Influence of signal source
resistance
Thermocouple: 0.1
°C/Ω max. (100 Ω max.), Platinum resistance thermometer: 0.1°C/Ω max. (10 Ω max.)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
3,000 VAC, 50/60 Hz for 1 min between terminals of different charge
Vibration
Malfunction
10 to 55 Hz, 20 m/s2 for 10 min each in X, Y and Z directions
Resistance
10 to 55 Hz, 20 m/s2 for 2 hr each in X, Y, and Z directions
Shock
Malfunction
100 m/s2, 3 times each in X, Y, and Z directions
Resistance
300 m/s2, 3 times each in X, Y, and Z directions
Weight
Main unit: Approx. 80 g, Models with Screw Terminal Unit: Approx. 40 g,
Models with Push-In Plus Terminal Unit: Approx. 40 g
Degree of protection
Main unit: IP20, Terminal unit: IP00
Memory protection
Non-volatile memory (number of writes: 1,000,000 times)
Setup Tool
CX-Thermo version 4.6 or higher
Setup Tool port
E5DC/E5DC-B bottom panel: An E58-CIFQ2 USB-Serial Conversion Cable is used to connect a USB port
on the computer.
*6
E5DC/E5DC-B front panel: An E58-CIFQ2 USB-Serial Conversion Cable and E58-CIFQ2-E Conversion
Cable are used together to connect a USB port on the computer.
*6
Standards
Approved standards
cULus: UL 61010-1/CSA C22.2 No.61010-1, Korean wireless regulations (Radio law: KC Mark) (Some
models only.)
*7, Lloyd's standards (E5DC only) *8, EAC
Conformed standards EN 61010-1 (IEC 61010-1), RCM
EMC
EMI:
EN61326-1
*9
Radiated Interference Electromagnetic Field Strength: EN55011 Group 1, class A
Noise Terminal Voltage:
EN55011 Group 1, class A
EMS:
EN61326-1
*9
ESD Immunity:
EN61000-4-2
Electromagnetic Field Immunity:
EN61000-4-3
Burst Noise Immunity:
EN61000-4-4
Conducted Disturbance Immunity:
EN61000-4-6
Surge Immunity:
EN61000-4-5
Voltage Dip/Interrupting Immunity:
EN61000-4-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com