Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 96 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 96 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 92Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 93Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 94Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 95Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 96Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 97Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 98Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 99Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 100Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
96
Programmable Temperature Controller (Digital Controller)
E5EC-T/E5AC-T
(48
× 96 mm/96 × 96 mm)
Programmable Controllers Join the E5C Series!
Program up to 256 segments can handle a
wide variety of applications.
• Set up to 8 Programs (Patterns) with 32 Segments (Steps) Each
• A white LCD PV display with a height of approx. 18 mm for the E5EC-
T and 25 mm for the E5AC-T improves visibility.
• Tool ports are provided both on the top panel and the front panel. Set
up the Controller without wiring the power supply by connecting to the
computer with a Communications Conversion Cable (sold
separately). Setup is easy with the CX-Thermo (sold separately).
• High-speed sampling at 50 ms.
• Models are available with up to 4 auxiliary outputs, up to 6 event
inputs, and a transfer output to cover a wide range of applications.
• Short body with depth of only 60 mm.
• Easy connections to a PLC with programless communications. Use
component communications to link Temperature Controllers to each
other.
• The new position-proportional control models allow you to control
valves as well.
Main I/O Functions
*
48
× 96 mm
E5EC-T
96
× 96 mm
E5AC-T
Refer to your OMRON website for the most recent
information on applicable safety standards.
Refer to Safety Precautions on page 122.
* CSA conformance
evaluation by UL.
4-digit
displays
Sensor Input
Indication Accuracy
• Thermocouple input: ±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Event Inputs
• None
• 2
• 4
• 6
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Linear current output
Control Output 2
• Voltage output (for driving SSR)
• Relay output
• Linear current output
Auxiliary Outputs
• 4
Transfer Output
• None
• 1
• PF (shift) Key
• Setup Tool port on front panel
• Temperature status display
• Operating and editting the program
• Independent heating and
cooling PID control
• Parameter mask setting
• Display brightness setting
Three-level Display
Simultaneous display of the PV, SP,
Program No., Segment No., etc.
Serial Communications
• None
• RS-485
Universal input
• Thermocouple
• Pt
• Analog current/voltage
E5EC-T
E5AC-T
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@C-T Digital Temperature Controllers Programmable Type User’s Manual (Cat. No. H185)
E5
@C-T Digital Temperature Controllers Programmable Type Communications Manual (Cat. No. H186)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com