Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 18Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 19Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 20Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 21Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 22Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 23Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 24Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 25Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
E5CC/E5CC-B/E5CC-U
22
Optional Products (Order Separately)
USB-Serial Conversion Cable
Terminal Covers (for E5CC)
Note: The E53-COV10 cannot be used.
Refer to page 33 for the mounted dimensions.
Waterproof Packing
Note: The Waterproof Packing is provided only with E5CC/E5CC-B
Controllers.
The E5CC-U cannot be waterproofed even if the Waterproof
Packing is attached.
Current Transformers (CTs)
*Lead wires are included with these CTs. If UL certification is required, use
these CTs.
Adapter
Note: Use this Adapter when the panel has already been prepared for
an E5B
@ Controller.
Waterproof Cover
Mounting Adapter
Note: This Mounting Adapter is provided with the Digital Temperature
Controller.
DIN Track Mounting Adapter (for E5CC)
Sockets (for E5CC-U)
Front Covers
CX-Thermo Support Software
Note: CX-Thermo version 4.5 or higher is required for the E5CC.
CX-Thermo version 4.61 or higher is required for the E5CC-U.
CX-Thermo version 4.65 or higher is required for the E5CC-B.
CX-Thermo version 4.67 or higher is required for the E5CC-B
linear current output type.
For the system requirements for the CX-Thermo, refer to
information on the EST2-2C-MV4 on the OMRON website
(www.ia.omron.com).
Model
E58-CIFQ2
Model
E53-COV17
E53-COV23 (3pcs)
Model
Y92S-P8
Hole diameter
Model
5.8 mm
E54-CT1
5.8 mm
E54-CT1L
*
12.0 mm
E54-CT3
12.0 mm
E54-CT3L
*
Model
Y92F-45
Model
Y92A-48N
Model
Y92F-49
Model
Y92F-52
Type
Model
Front-connecting Socket
P2CF-11
Front-connecting Socket with Finger Protection
P2CF-11-E
Back-connecting Socket
P3GA-11
Terminal Cover for Back-connecting socket
with Finger Protection
Y92A-48G
Type
Model
Hard Front Cover
Y92A-48H
Soft Front Cover
Y92A-48D
Model
EST2-2C-MV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com