Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 38Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 39Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 40Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 41Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 42Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 43Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 44Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 45Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
E5EC/E5EC-B/E5AC
42
Model Number Legend
Models with Push-In Plus Terminal Blocks
E5EC-
@@ @ @ BM -@@@ (Example: E5EC-RX4ABM-000)
−− − − − − −−−
AB C D E
F
*1. Option 004 and 014 cannot be selected if RX or QX is selected for the control output.
*2. Option 008, 010 and 011 cannot be selected if CX is selected for the control output.
*3. The control output cannot be used as a simple transfer output.
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
An auxiliary output is used as the cooling control output.
B
Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Model
A
B
C
D
E
F
Meaning
Control
outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input type Options
E5EC
48
× 96 mm
Control output 1
Control output 2
*1 RX
Relay output
None
*2 QX
Voltage output
(for driving SSR)
None
*2 CX
Linear current output
*3
None
2
2 independent points
4
4 (auxiliary outputs 1 and 2 with same common and auxiliary
outputs 3 and 4 with same common)
A
100 to 240 VAC
D
24 VAC/DC
B
Push-in plus terminal blocks
M
Universal input
HB alarm
and
HS alarm
Communications
Event
inputs
Remote
SP Input
Transfer
output
000
---
---
---
---
---
*1
004
---
RS-485
2
---
---
*2
008
1
RS-485
2
---
---
*2
010
1
---
4
---
---
*2
011
1
---
6
Provided. Provided.
*1
014
---
RS-485
4
Provided. Provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com