Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 47Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 48Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 49Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 50Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 51Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 52Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 53Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 54Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
E5EC/E5EC-B/E5AC
51
E5EC-B (Push-In Plus Terminal Blocks)
27
28
26
17
29
30
31
32
19
20
18
21
22
23
24
25
43
44
42
33
45
46
47
48
35
36
34
37
38
39
40
41
-
+
+
011
V
mA
+
-
RX
R
Q
OUT1
OUT1
QX
008
5
6
5
6
1
2
3
4
1
2
3
4
32
Pt
A
B
B
+
-
mA
-
+
31
30
32
31
30
32
31
30
32
31
30
V
-
V
+
TC
I
11
12
9
10
2
1
7
8
5
6
3
4
13
14
15
16
9
10
11
12
13
14
15
16
38
37
39
40
41
42
43
45
46
47
48
44
18
17
19
20
21
22
23
25
26
24
EV6
EV5
+
+
-
V
I
CT1
EV2
EV1
18
17
19
20
21
22
23
25
26
24
CT1
EV2
EV1
EV4
EV3
18
17
19
20
21
22
23
25
26
24
CT1
EV2
EV1
EV4
EV3
B(+)
A(-)
RS-485
*
*
*
*
*
*
*
*
*
*
*
*
*
*
↑
Terminal type
E5EC-
@@ @ @ B M - @@@
(1)
(2) (3) (4) (5)
(6)
The E5EC is set for a K-type
thermocouple (input type = 5) by
default. An input error (
s.err) will
occur if the input type setting does
not agree with the temperature
sensor. Check the input type.
Relay output
250 VAC, 5 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 40 mA
Control output 1
Auxiliary outputs 1, 2, 3, 4
Relay output
Model with 2 auxiliary
outputs: 250 VAC, 3 A
(resistive load)
Models with 4 auxiliary
outputs: 250 VAC, 2 A
(resistive load)
(1) Control output
Models with
1 Relay Output
Models with 1
Voltage Output
(for Driving SSR)
100 to 240 VAC
24 VAC/DC
(3) Input Power Supply
(no polarity)
Auxiliary outputs 1, 2, 3, 4
Auxiliary outputs 1, 2
(2) Auxiliary Outputs
Auxiliary output 2
Auxiliary output 1
Auxiliary output 4
Auxiliary output 3
9
10
11
12
13
14
15
16
Auxiliary output 1
Auxiliary output 2
(5) Sensor (Temperature/Analog) Input
(6) Options
6 event Inputs, 1 CT input, transfer
output, and remote SP input
Transfer
output
Remote
SP input
4 event inputs and 1 CT input
Communications, 2 event inputs, and 1 CT input
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
C
OUT1
CX
5
6
Models with 1 linear
current Output
+
−
010
004
18
17
19
20
21
22
23
25
26
24
EV2
EV1
B(+)
A(-)
RS-485
(-)
(-)
014
18
17
19
20
21
22
23
25
26
24
EV2
EV1
B(+)
A(-)
RS-485
(-)
(-)
V
+
−
I
38
37
39
40
41
42
43
45
46
47
48
44
EV6
EV5
(-)
(-)
-
+
+
V
mA
Communications, 2 event inputs
*
*
*
Communications, 4 event inputs, transfer output, and remote SP input
*
*
*
*
Remote
SP input
Transfer
output
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30 m,
compliance with EMC standards will not be possible.
4. Refer to Wiring Precautions for E5
@C-B (Controllers with Push-In Plus Terminal Blocks) on page 133 for wire specifications and wiring methods.
5. Common terminals are indicated with asterisks (
*). You can use the input power supply and communications common terminals for crossover wiring.
Do not exceed the maximum number of Temperature Controllers given below if you use crossover wiring for the input power supply.
100 to 240 VAC Controllers: 16 max.
24 VAC/VDC Controllers: 8 max.
6. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring).
1
2
3
4
To another E5
@C
Wiring Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com