Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 64Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 65Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 66Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 67Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 68Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 69Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 70Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 71Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
E5DC/E5DC-B
68
External Connections
E5DC (Models with Screw Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30m,
compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
6. The terminal layout is different than models with Push-In Plus terminal blocks. Check the terminal arrangement before wiring.
-
+
12
13
14
12
13
14
12
13
14
12
13
14
TC
Pt
+
-
mA
I
V
-
V
+
11
10
9
+
-
5
6
5
6
-
5
6
+
RX
QX
CX
C
Q
R
1
2
3
4
7
8
7
8
7
8
CT1
RS-485
B(+)
A(-)
3
4
RS-485
B(+)
A(-)
EV1
3
4
7
8
CT1
EV1
3
4
A
B
B
1
2
(-)
(-)
1
4
37
814
13
12
2
5
6
9
10
11
(5) Sensor (Temperature/Analog) Input
Auxiliary output 2
Auxiliary output 1
(1) Control Output
1 linear
current output
1 relay
output
1 voltage output
(for driving SSR)
(3) Input Power Supply
(no polarity)
100 to 240 VAC
24 VAC/DC
(2) Auxiliary Outputs
Control output
Relay output
250 VAC, 3 A (resistive load)
Voltage output (for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
Load: 500
Ω max.
4 to 20 mA DC
Relay outputs
250 VAC: 2 A (resistive load)
Auxiliary outputs 1, 2
E5DC
017
One event input and 1 CT
016
One event input
015
Communications
002
Communications and 1 CT
(6)
Options
The E5DC is set for a K-type thermocouple (input type = 5) by default.
An input error (
s.err) will occur if the input type setting does not agree
with the temperature sensor. Check the input type.
M
S
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
* When connecting different potentials to
auxiliary outputs 1 and 2, check the
single fault condition of the common
terminal before use.
(1)
Terminal type
(2)(3)(4)(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com