Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 28Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 29Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 30Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 31Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 32Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 33Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 34Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 35Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
E5CC/E5CC-B/E5CC-U
32
E5CC-U (Plug-in Models)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3.5 crimped terminals.
Isolation/Insulation Block Diagrams
E5CC
Models with 3 Auxiliary Outputs
E5CC-B
Models with 2 Auxiliary Outputs
E5CC-U
Models with 2 Auxiliary Outputs
A
B
B
+
−
250 VAC, 3 A (resistive load)
Control output 1
•
•
Auxiliary output 1
Relay output
−
+
V
−
mA
+
The E5CC-U is set for a K-type thermocouple (input type =
5) by default. An input error (
s.err) will occur if the input
type setting does not agree with the temperature sensor.
Check the input type.
Sensor (temperature/analog) input
Auxiliary output 2:
Control output (cooling
Control output 1:
Control output 1
100 to 240 VAC
24 VAC/DC (no polarity)
RW
CX
Models with 1
Relay Output
QX
+
−
Models with 1
Voltage Output
(for Driving SSR)
Models with 1
Linear Current
Output
Output 1
Q
Output 1
C
Output 1
R
E5CC-
UM-000
Control output 1
+
−
Auxiliary outputs 1, 2
Voltage output (for driving SSR)
12 VDC, 21 mA
Linear current output
4 to 20 mA DC
0 to 20 mA DC
Load: 500
Ω max.
Relay output (three terminals used)
SPDT, 250 VAC, 3 A
(resistive load)
Input power supply
I
V
TC
Pt
Sensor input, CT inputs, and remote SP input
Communications and event inputs
Voltage output (for driving SSR),
linear current output, and transfer output
Relay output
Auxiliary outputs 1, 2, 3
: Reinforced insulation
: Functional isolation
Power
supply
Note: Auxiliary outputs 1 to 3 are not insulated.
Sensor input and CT input
Communications and event inputs
Voltage output (for driving SSR),
linear current output and transfer output
Relay output
Auxiliary outputs 1, 2
: Reinforced insulation
: Functional isolation
Power
supply
Sensor input
Voltage output (for driving SSR) and linear current output
Relay output
Auxiliary outputs 1 and 2
: Reinforced insulation
: Functional isolation
Power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com