Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 108 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 108 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 104Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 105Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 106Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 107Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 108Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 109Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 110Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 111Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 112Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
E5EC-T/E5AC-T
108
Dimensions
(Unit: mm)
Controllers
Mounting Adapter
(Accessory, Y92F-51
(also available for
ordering separately))
Waterproof Packing
(Accessory, Y92S-P9
(also available for
ordering separately))
44
91
48
96
1
60
4
(64)
110
E5EC-T
92-0.8
0
92+0.8
0
45+0.6
0
120 min.
(48 × number of units − 2.5)+1.0
0
Group mounting does not
allow waterproofing.
Mounted Separately
Group Mounted
*
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction. (Maintain the
specified mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the waterproof
packing onto the Controller.
• When two or more Controllers are mounted, make sure that the sur-
rounding temperature does not exceed the allowable operating tem-
perature specified in the specifications.
* Selections for Control Outputs 1 and 2: QQ, QR, RR, CC, PR, or CQ
If you also specify 019, 021, 022 for the option selection and use
group mounting, the ambient temperature must be 45°C or less.
Maintain the following spacing when more than one Digital
Controller is installed at an ambient temperature of 55°C.
45-0.6
0
60 min.
120 min.
92+0.8
0
• Setup Tool ports are provided as
standard feature. Use these ports to
connect a computer to the Digital
Temperature Controller. The E58-
CIFQ2 USB-Serial Conversion Cable
is required to connect to the port on
the top panel. The E58-CIFQ2 USB-
Serial Conversion Cable and E58-
CIFQ2-E Communications
Conversion Cable are required to
connect to the port on the front panel.
(You cannot leave either port
connected constantly during
operation.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com