Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF113 Datasheet HTML 1Page - Micrel Semiconductor MICRF113 Datasheet HTML 2Page - Micrel Semiconductor MICRF113 Datasheet HTML 3Page - Micrel Semiconductor MICRF113 Datasheet HTML 4Page - Micrel Semiconductor MICRF113 Datasheet HTML 5Page - Micrel Semiconductor MICRF113 Datasheet HTML 6Page - Micrel Semiconductor MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
5
M9999-060208
(408) 944-0800
Test Circuit
4
5
6
3
2
1
1
8
2
5
K10-A
L101
50-8000MHz
I/P
O/P
XTLOUT
MICRF113
SOT-6
XTLIN
ASK
VDD
VSS
GND
ASK
K1-A
K6-A
K8-A
K8-B
K1-B
Y1
13.56MHz
Y2
9.84MHz
R101
10K
VDD
AGND_SNS
PAOUT
C6
10µF
C5
0.1µF
C19
10pF
C20
10pF
C103
100pF
L1
39nH
SMA-1
C4
10pF
DV19_1S_VDD
DDD7_2_ASK
DV19_1S_VDD
Figure 2. MICRF113 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com