Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 3Page - Micrel Semiconductor MICRF113 Datasheet HTML 4Page - Micrel Semiconductor MICRF113 Datasheet HTML 5Page - Micrel Semiconductor MICRF113 Datasheet HTML 6Page - Micrel Semiconductor MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
7
M9999-060208
(408) 944-0800
Typical Characteristics Using MICRF113, 50Ω test Board
315MHz OBW, ASK = 1kHz
315Mhz OBW, ASK = 10kHz
CW Max Power @ 3V, 315MHz,
ASK = 1kHz, Note 1
RF Spectrum 2
nd Harmonic;
Fundamental at 315 MHz
RF Spectrum 3
rd Harmonic;
Fundamental at 315 MHz
315MHz, Power Level at Space,
VDD = 3.0V, ASK = 1kHz, -62dBm
Note 1. 1.2dB cable loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com