Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
12
M9999-060208
(408) 944-0800
ESR
XTLOUT
VSS
XTLIN
MICRF113 ASK
CRYSTAL MODEL
CLOAD
CPAR
CMO
CLOAD
Figure 4. Reference Oscillator ASK Operation
When the ESR of crystal is at 300Ω, the crystal
parameter limits are:
ESR
300Ω
CPAR
2 to 5pF
CMO
10 to 40fF
CLOAD
10 to 30pF
PLL ×32
The function of PLL×32 is to provide a stable carrier
frequency for transmission. It is a “divide by 32” phase
locked loop oscillator.
Power Amplifier
The power amplifier serves two purposes: 1) to buffer
the VCO from external elements and 2) to amplify the
phase locked signal. The power amplifier can produce
+10dBm at 3V (typical).
Enable Control
Enable control gates the ASK data. It only allows
transmission when Lock, Amplitude and Under Voltage
Detect conditions are valid.
Under Voltage Detect
“Under voltage detect” block senses operating voltage.
If the operating voltage falls below 1.6V, “under voltage
detect” block will send a signal to “enable control” block
to disable the PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com