Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 9Page - Micrel Semiconductor MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor MICRF113 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
13
M9999-060208
(408) 944-0800
.
Application Information
L1
820nH
(470nH)
C1
10 F
6.3V
R7
R2
100k
Y1
13.560MHz
(9.4375MHz)
C2
100pF
50V
C11 NP
C12 NP
(4.7 F/
6.3V/
0805)
C6 NP
C7
4.7pF
(6.8pF)
C5
12pF 50V
(10pF 50V)
C16 NP
L4
68nH
(150nH)
L5
ANTENNA
C10
0.1 F
50V
C14
18pF
C13
18pF
C15 NP
1nF
4
5
6
3
3
2
2
1
1
XTLOUT
MICRF113YM6
XTLIN
ASK
VDD
VSS
PAOUT
Vdd
REFOSC
DATA
Figure 6. ASK 433.92MHz and (315MHz)
Notes:
1.
Components labeled NP are not placed.
2.
Values without parentheses are for 433.92 MHz and values in parentheses are for 315MHz.
3.
Value of R7 is selected to vary the output power.
The MICRF113 is well suited to drive a 50-ohm source,
monopole or a loop antenna. Figure 6 is an example of a
loop antenna configuration. Figure 6 also shows both
315MHz and 433.92MHz ASK configurations for a loop
antenna. Besides using a different crystal, Table 1 lists
modified values needed for the listed frequencies.
Frequency
(MHz)
L1
(nH)
C5
(pF)
L4
(nH)
C7
(pF)
Y1 (MHz)
315.0
470
10
150
6.8
9.84375
433.92
820
12
68
4.7
13.5600
Table 1
The reference design shown in Figure 6 has an antenna
optimized for using the matching network as described in
Table 1.
Power Amplitude Control Using External Resistor
R7 is used to adjust the RF amplitude output levels
which may be needed to meet compliance regulation. As
an example, the following tables list typical values of
conducted RF output levels and corresponding R7
resistor values for the 50-ohm test board, as shown in
Figure 2. R7 of the TX113-1C Demo board using the
loop antenna can be adjusted for the appropriate
radiated field allowed by FCC or ETSI compliance.
Contact Micrel for suggested R7 values to meet FCC
and ETSI compliances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com