Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF113 Datasheet HTML 1Page - Micrel Semiconductor MICRF113 Datasheet HTML 2Page - Micrel Semiconductor MICRF113 Datasheet HTML 3Page - Micrel Semiconductor MICRF113 Datasheet HTML 4Page - Micrel Semiconductor MICRF113 Datasheet HTML 5Page - Micrel Semiconductor MICRF113 Datasheet HTML 6Page - Micrel Semiconductor MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MICRF113
QwikRadio® ASK Transmitter
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MICRF113 is a high performance, easy to use, single
chip ASK Transmitter IC for remote wireless applications in
the 300 to 450MHz frequency band. This transmitter IC is
a true “data-in, antenna-out” monolithic device. MICRF113
has three strong attributes: power delivery, operating
voltage and operating temperature. In terms of power, the
MICRF113 is capable of delivering +10 dBm into a 50Ω
load. This power level enables a small form factor
transmitter (lossy antenna) such as a key fob transmitter to
operate
near
the
maximum
limit
of
transmission
regulations. In terms of operating voltage, the MICRF113
operates from 1.8V to 3.6V. Many transmitter ICs in the
same frequency band stop operating below 2.0V. The
MICRF113 will work with most batteries to the end of their
useful limits. In terms of operating temperature, the
MICRF113 operates from -40°C to +85°C.
The MICRF113 is easy to use. It requires a reference
frequency (RF carrier frequency divided by 32 times)
generated from a crystal with a few additional external
parts to create a complete versatile transmitter.
The MICRF113 operates with ASK/OOK (Amplitude Shift
Keying/On-Off Keyed) UHF receiver types from wide-band
super-regenerative
radios
to
narrow-band,
high
performance
super-heterodyne
receivers.
The
MICRF113’s maximum ASK data rate is 10kbps
(Manchester Encoding).
The MICRF113 transmitter solution is ideal for industrial
and consumer applications where simplicity and form
factor are important.
Features
• Complete UHF transmitter
• Frequency range 300MHz to 450MHz
• Data rates up to 10kbps ASK
• Output Power to 10dBm
• Low external part count
• Low voltage operation (down to 1.8V)
• Operate with crystals or ceramic resonators
Applications
• Fan Controllers
• Remote Power Switches
• Multi-Media Remote Control
• Remote Sensor Data Links
• Infrared Transmitter Replacement
Ordering Information
Part Number
Temp. Range
Package
MICRF113YM6
–40°C to +85°C
SOT23-6
Typical Application
1
2
3
1
2
3
6
5
4
PAOUT
MICRF113
VSS
Vdd
C4
18pF
L2
82nH
(150nH)
L1
680nH
(470nH)
L3
PCB
ANTENNA
C2

4.7pF
(6.8pF)
C1
6.3V
C3

10pF
50V
C5
18pF
Y1 13.560MHz
(9.84375 MHz)
Vdd
ASK
XTLIN
XTLOUT
Vdd
DATA
Figure 1. MICRF113 ASK Key Fob Design for 315 MHz and 433.92 MHz
June 2008
M9999-060208
(408) 944-0800


Similar Part No. - MICRF113

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF113YM6 MICREL-MICRF113YM6 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
More results

Similar Description - MICRF113

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
ASK Transmitter
Revision 1.0, 2010-04-23
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com