Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor MICRF113 Datasheet HTML 17Page - Micrel Semiconductor MICRF113 Datasheet HTML 18Page - Micrel Semiconductor MICRF113 Datasheet HTML 19Page - Micrel Semiconductor MICRF113 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
16
M9999-060208
(408) 944-0800
L1
820nH
(470nH)
C1
10

F
6.3V
R7
R2
100k
Y1
13.560MHz
(9.4375MHz)
C2
100p 
F
50V
C11 NP
C12 NP
(4.7 F/
6.3V/
0805)
C6 NP
C7
4.7pF
(6.8pF)
C5
12pF 50V
(10pF 50V)
C16 NP
L4
68nH
(150nH)
L5
ANTENNA
C10
0.1

F
50V
C14
18pF
C13
18pF
C15 NP
1nF
4
5
6
3
3
2
2
1
1
XTLOUT
MICRF113YM6
XTLIN
ASK
VDD
VSS
PAOUT
Vdd
Vdd
REFOSC
DATA
DATA
CON 3
J1
DATA 3
GROUND 2
1.8V to 3.6V 1
Vdd
REFOSC
CON 2
J2
GROUND 2
EXTERNAL REF-OSC 1
Figure 9. TX113-1c Demo Board Schematic
Notes:
1.
Components labeled NP are not placed.
2.
Values without parentheses are for 433.92 MHz and values in parentheses are for 315MHz.
3.
Value of R7 is selected to vary the output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com