Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF113
Description  QwikRadio짰 ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor MICRF113 Datasheet HTML 17Page - Micrel Semiconductor MICRF113 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel, Inc.
MICRF113
June 2008
14
M9999-060208
(408) 944-0800
R7, Ω
Output Power, dBm
IDD, mA
0
10
6.7
75
8.5
6.3
100
8.0
6.2
500
1.6
4.13
1000
-3.8
4.87
Output Power Versus External Resistor at 315MHz
R7, Ω
Output Power, dBm
IDD, mA
0
8.68
7.5
75
8.34
7.33
100
8.02
7.3
500
4.34
6.3
1000
0.42
5.5
Output Power Versus External Resistor at 433.92 MHz
Output Power ON-OFF Control
There are two ways to enable the PA output power.
First, by supplying the ASK signal with VDD applied
continuously, resulting in a Mark and Space RF output
condition. A second method involves applying both VDD
and ASK synchronously. The second method allows for
longer battery usage since the battery is disconnected
during non-activation. Figure 7 shows the RF output time
response since VDD and the ASK are applied to the
MICRF113. The RF output response, as a function of
VDD, is typically less then 1.25mSec. This measurement
was done using the circuitry shown in Figure 2.
Note: The ASK signal should never be applied before VDD.
RF Output Response as a Function of VDD and ASK
Figure 7. RF Output Response (VDD and ASK)
Output Matching Network
Part of the function of the output network is to attenuate
the second and third harmonics. When matching to a
transmit frequency, care must be taken both to optimize
for maximum output power, and to attenuate unwanted
harmonics.
Layout Issues
PCB Layout is a primary concern for achieving optimum
performance and consistent manufacturing results. Care
must used with the orientation of components to ensure
that they do not couple or decouple the RF signal. PCB
trace length should be short to minimize parasitic
inductance (1 inch ~ 20nH). For example, depending
upon inductance values, a 0.5 inch trace can change the
inductance by as much as 10%. To reduce parasitic
inductance, the practice of using wide traces and a
ground plane under the signal traces is recommended.
Vias with low value inductance should be used for
components requiring a connection-to-ground.
Antenna Layout
Directivity is affected by antenna trace layout. No ground
plane should be under the antenna trace. For consistent
performance, components should not be placed inside
the loop of the antenna. Gerber formats (see Figure 8,
for a suggested layout) can be obtained from the Micrel
web site at: http://www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com