Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 24Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 25Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 26Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 27Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 28Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
IMAGE SENSOR SOLUTIONS
Electro-Optical for KAI-1010M
SYMBOL
PARAMETER
MIN.
NOM.
MAX.
UNITS
NOTES
F F
Optical Fill Factor
55.0
%
Esat
Saturation Exposure
0.037
µJ/cm2
1
QE
Peak Quantum Efficiency
37
%
2
PRNU
Photoresponse Non-uniformity
10.0
%pp
3, 4
PRNL
Photoresponse Non-linearity
5.0
%
Table 7 Electro-Optical Image Specifications KAI-1010M
Notes:
1.
For λ = 550nm wavelength, and Vsat = 350mV.
2.
Refer to typical values from Figure 20 Nominal KAI-1010M Spectral Response
3.
Under uniform illumination with output signal equal to 280 mV.
4.
Units: % Peak to Peak. A 200 by 200 sub ROI is used.
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
400
450
500
550
600
650
700
750
800
850
900
950
1000
Wavelength (nm)
Figure 20 Nominal KAI-1010M Spectral Response
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com