Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KAI-1010M Datasheet HTML 1Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 2Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 3Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 4Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 5Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 6Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 7Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 8Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
IMAGE SENSOR SOLUTIONS
4
Features
•
Front Illuminated Interline Architecture
•
1008 (H) x 1018 (V) Photosensitive Pixels
•
9.0
µm(H) x 9.0µm(V) Pixel Size
•
9.1 mm(H) x 9.2 mm(V) Photosensitive Area
•
Progressive Scan (Noninterlaced)
•
Electronic Shutter
•
Integral RGB Color Filter Array (optional)
•
Advanced 2 Phase Buried Channel CCD
Processing
•
On-Chip Dark Reference Pixels
•
Low Dark Current
•
Patented High Sensitivity Output Structure
•
Dual Output Shift Registers
•
Antiblooming Protection
•
Negligible Lag
•
Low Smear (0.01% with microlens)
4 dark lines at bottom of image
2 dark lines at top of image
KAI-1010
Active Image Area:
1008 (H) x 1018 (V)
9.0 x9.0
µm2 pixels
Horizontal Register A
6 dummies
2 dummies
φV1
φV2
Horizontal Register B
φV1
φV2
VOUTA
VOUTB
H1A
H2
H1B
VDD
VDD
VSS/OG
VSS/OG
VRD
φR
WELL
VSUB
Figure 1 Functional Block Diagram
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com