Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 33Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 34Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 35Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 36Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
IMAGE SENSOR SOLUTIONS
34
Defect Classification
All values derived under nominal operating conditions at 40oC operating temperature.
Defect Type
Defect Definition
Number Allowed
Notes
Defective Pixel Under uniform illumination with mean pixel output at 80% of Vsat,
a defective pixel deviates by more than 15% from the mean value
of all pixels in its section.
12
1,2
Bright Defect
Under dark field conditions, a bright defect deviates more than
15mV from the mean value of all pixels in its section.
5
1,2
Cluster Defect
Two or more vertically or horizontally adjacent defective pixels.
0
2
Notes:
1. Sections are 252 (H) x 255 (V) pixel groups, which divide the imager into sixteen equal areas as shown
below.
2. For the color device, KAI-1010CM, a defective pixel deviates by more than 15% from the mean value
of all active pixels in its section with the same color.
1008,1018
1,1
1,255
1,510
1,1018
1008,255
1008,510
1008,1
1,765
1008,765
Test Conditions
Junction Temperature
(Tj) = 40oC
Integration Time
(tint) = 70msec
Readout Rate
(treadout) = 70msec
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com