Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KAI-1010M Datasheet HTML 1Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 2Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 3Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 4Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 5Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 6Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 7Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 8Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
IMAGE SENSOR SOLUTIONS
5
Description
The KAI-1010 series is a high resolution charge coupled
device (CCD) image sensor whose noninterlaced
architecture makes it ideally suited for video, electronic
still and motion/still camera applications. The device is
built using an advanced true two-phase, double-
polysilicon, NMOS CCD technology. The p+npn-
photodetector elements eliminate image lag and reduce
image smear while providing antiblooming protection and
electronic-exposure control. The total chip size is 10.15
(H) mm x 10.00 (V) mm. The KAI-1010 comes in
monochrome and color versions, both with microlens for
sensitivity improvement.
Device
Color
Microlens
KAI-1010
No
No
KAI-1010M
No
Yes
KAI-1011CM
Yes
Yes
Figure 2 KAI-1011CM
Architecture
The KAI-1010 consists of 1024 x 1024 photodiodes, 1024
vertical (parallel) CCD shift registers (VCCDs), and dual
1032 pixel horizontal (serial) CCD shift registers
(HCCDs) with independent output structures. The device
can be operated in either single or dual line mode. The
advanced, progressive-scan architecture of the device
allows the entire image area to be read out in a single scan.
The active pixels are arranged in a 1008 (H) x 1018 (V)
array with an additional 16 columns and 6 rows of light-
shielded dark reference pixels.
Image Acquisition
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron-hole
pairs
within
the
individual
silicon
photodiodes. These photoelectrons are collected locally by
the formation of potential wells at each photosite. Below
photodiode saturation, the number of photoelectrons
collected at each pixel is linearly dependent on light level
and exposure time and non-linearly dependent on
wavelength. When the photodiode's charge capacity is
reached, excess electrons are discharged into the substrate
to prevent blooming.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com