Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 4Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 5Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 6Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 7Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 8Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 9Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 10Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 11Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
IMAGE SENSOR SOLUTIONS
8
Electronic Shutter
The KAI-1010 provides a structure for the prevention of
blooming which may be used to realize a variable
exposure time as well as performing the anti-blooming
function. The anti-blooming function limits the charge
capacity of the photodiode by draining excess electrons
vertically into the substrate (hence the name Vertical
Overflow Drain or VOD) . This function is controlled by
applying a large potential to the device substrate (device
terminal SUB). If a sufficiently large voltage pulse (VES
≈
40V) is applied to the substrate, all photodiodes will be
emptied of charge through the substrate, beginning the
integration period. After returning the substrate voltage to
the nominal value, charge can accumulate in the diodes
and the charge packet is subsequently readout onto the
VCCD at the next occurrence of the high level on
φV1.
The integration time is then the time between the falling
edges of the substrate shutter pulse and
φV1. This scheme
allows electronic variation of the exposure time by a
variation in the clock timing while maintaining a standard
video frame rate.
Application of the large shutter pulse must be avoided
during the horizontal register readout or an image artifact
will appear due to feedthrough. The shutter pulse VES
must be “hidden” in the horizontal retrace interval. The
integration time is changed by skipping the shutter pulse
from one horizontal retrace interval to another.
The smear specification is not met under electronic shutter
operation. Under constant light intensity and spot size, if
the electronic exposure time is decreased, the smear signal
will remain the same while the image signal will decrease
linearly with exposure. Smear is quoted as a percentage of
the image signal and so the percent smear will increase by
the same factor that the integration time has decreased.
This effect is basic to interline devices.
Color Filter Array (optional, for KAI-
1011CM only)
OUTPUT
G
B
R
G
G
G
G
G
G
G
R
R
B
B
B
2 BLACK LINES
R
Figure 5 CFA Pattern
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com