Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 27Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 28Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 33Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 34Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
IMAGE SENSOR SOLUTIONS
CCD
SYMBOL
PARAMETER
MIN.
NOM.
MAX.
UNITS
NOTES
Vsat
Output Saturation Voltage
350
mV
1,2,8
Id
Dark Current
0.5
nA
DCDT
Dark Current Doubling Temp
7
8
10
°C
CTE
Charge Transfer Efficiency
0.99999
2,3
fH
Horizontal CCD Frequency
40
MHz
4
IL
Image Lag
100
e-
5
Xab
Blooming Margin
100
6,8
Smr
Vertical Smear
0.01
%
7
Table 8 CCD Image Specifications
Notes:
1.
Vsat is the green pixel mean value at saturation as measured at the output of the device with Xab=1. Vsat can be
varied by adjusting Vsub.
2.
Measured at sensor output.
3.
With stray output load capacitance of CL = 10 pF between the output and AC ground.
4.
Using maximum CCD frequency and/or minimum CCD transfer times may compromise performance.
5.
This is the first field decay lag measured by strobe illuminating the device at (Hsat,Vsat), and by then measuring
the subsequent frame's average pixel output in the dark.
6.
Xab represents the increase above the saturation-irradiance level (Hsat) that the device can be exposed to before
blooming of the vertical shift register will occur. It should also be noted that Vout rises above Vsat for irradiance
levels above Hsat, as shown in
Figure 23.
7.
Measured under 10% (~ 100 lines) image height illumination with white light source and without electronic shutter
operation and below Vsat.
8.
It should be noted that there is trade off between Xab and Vsat.
Output Amplifier @ VDD = 15V, VSS = 0.0V
SYMBOL
PARAMETER
MIN.
NOM.
MAX.
UNITS
NOTES
Vodc
Output DC Offset
7
V
1,2
Pd
Power Dissipation
----
225
----
mW
3
f
-3db
Output Amplifier Bandwidth
140
MHz
1,4
CL
Off-Chip Load
10
pF
Table 9 Output Amplifier Image Specifications
Notes:
1.
Measured at sensor output with constant current load of Iout = 5mA per output.
2.
Measured with VRD = 9v during the floating-diffusion reset interval, (
φR high), at the sensor output terminals.
3.
Both channels.
4.
With stray output load capacitance of CL = 10 pF between the output and AC ground.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com