Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-1010M Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 33Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 34Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 35Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 36Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
IMAGE SENSOR SOLUTIONS
35
Climatic Requirements
ITEM
DESCRIPTION
MIN.
MAX.
UNITS
CONDITIONS
NOTES
Operation to Specification
Temperature
-25
+40
oC
@ 10% ±5% RH
1, 2
Humidity
10±5
86±5
%RH
@ 36 ±2oC Temp.
1, 2
Operation Without Damage
Temperature
-50
+70
oC
@ 10% ±5% RH
2, 3
Storage
Temperature
-55
+70
oC
@ 10% ±5%RH
2, 4
Humidity
-----
95±5
%RH
@ 49 ±2oC Temp.
2, 4
Table 11 Climatic Requirements
Notes:
1.
The image sensor shall meet the specifications of this document while operating at these conditions.
2.
The tolerance on all relative humidity values is provided due to limitations in measurement instrument accuracy.
3.
The image sensor shall continue to function but not necessarily meet the specifications of this document while
operating at the specified conditions.
4.
The image sensor shall meet the specifications of this document after storage for 15 days at the specified
conditions.
Quality Assurance and Reliability
4.2.1
Quality Strategy: All devices will conform to the specifications stated in this document. This is accomplished through
a combination of statistical process control and inspection at key points of the production process. Typical
specification limits are not guaranteed but provided as a design target. For further information refer to ISS application
Note MTD/PS-0292, Quality and Reliability.
4.2.2
Replacement: All devices are warranted against failures in accordance with the Terms of Sale. This does not include
failure due to mechanical and electrical causes defined as the liability of the customer below.
4.2.3
Liability of the Supplier: A reject is defined as an image sensor that does not meet all of the specifications in this
document upon receipt by the customer.
4.2.4
Liability of the Customer: Damage from mechanical (scratches or breakage), electrostatic discharge (ESD) damage,
or other electrical misuse of the device beyond the stated absolute maximum ratings, which occurred after receipt of
the sensor by the customer, shall be the responsibility of the customer.
4.2.5
Cleanliness: Devices are shipped free of mobile contamination inside the package cavity. Immovable particles and
scratches that are within the imager pixel area and the corresponding cover glass region directly above the pixel sites
are also not allowed. The cover glass is highly susceptible to particles and other contamination. Touching the cover
glass must be avoided. See ISS Application Note MTD/PS-0237, Cover Glass Cleaning for Image Sensors, for further
information.
4.2.6
ESD Precautions: Devices are shipped in static-safe containers and should only be handled at static-safe workstations.
See ISS Application Note MTD/PS-0224, Electrostatic Discharge Control, for handling recommendations.
4.2.7
Reliability: Information concerning the quality assurance and reliability testing procedures and results are available
from the Image Sensor Solutions and can be supplied upon request. For further information refer to ISS Application
Note MTD/PS-0292 Quality and Reliability.
4.2.8
Test Data Retention: Image sensors shall have an identifying number traceable to a test file. Test data shall be kept
for a period of 2 years after date of delivery.
4.2.9
Mechanical: The device assembly drawing is provided as a reference. The device will conform to the published
package tolerances.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com