Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 13Page - Texas Instruments OPA591DBVR Datasheet HTML 14Page - Texas Instruments OPA591DBVR Datasheet HTML 15Page - Texas Instruments OPA591DBVR Datasheet HTML 16Page - Texas Instruments OPA591DBVR Datasheet HTML 17Page - Texas Instruments OPA591DBVR Datasheet HTML 18Page - Texas Instruments OPA591DBVR Datasheet HTML 19Page - Texas Instruments OPA591DBVR Datasheet HTML 20Page - Texas Instruments OPA591DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
6.3 Feature Description
6.3.1 Offset Correction
The input offset voltage of an op amp is a major source of error in many applications. Input offset is caused by
small mismatches in the input transistors and can vary significantly across operating temperature. The mismatch
can be corrected for at the wafer level by measuring the offset voltage and simultaneously adjusting, or trimming,
the current through the input transistors until the offset is near zero.
Each unit of OPAx591 is laser trimmed at production to correct for input offset voltage and input offset voltage
variation across temperature known as offset voltage drift. Offset voltage drift describes the slope of the
input offset versus temperature curve. In devices that exhibit non-linear and non-monotonic input offset over
temperature characteristics, as is common with trimmed field-effect transistor (FET) input amplifiers, special care
must be taken to calculate drift. The the box method, described by Equation 1, is the most common way to
calculate drift.
dVOSdT= VOSMax−VOSMin
TMax−TMin
(1)
Unfortunately, the box method yields a one sided distribution that makes the use statistical analysis
inappropriate. The OPAx591 uses a different method to properly represent drift performance. The OPAx591
is specified by computing the slopes of the input offset voltage versus temperature curve at various points
along the temperature axis. The generated slopes yield normal distributions which are then used to perform
statistical analysis. This method is consistent with other high precision, FET input amplifiers like the OPAx192,
and provides a sufficiently conservative representation of the input offset voltage drift.
A useful curve can be generated to demonstrate how the OPAx591 drift performance varies across different
temperature ranges. Designers can use Figure 6-1 in error analysis for the temperature most applicable to the
application. When performing an error analysis over the full specified temperature range, use the typical and
maximum values for input offset voltage drift as described in Electrical Characteristics.
Temperature ( C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
+
−
−4
+4
Figure 6-1. Input Offset Voltage Drift Versus
Temperature
Figure 6-2. Input Offset Voltage Versus
Temperature
The OPAx591 is carefully trimmed to achieve a maximum input offset voltage drift of 1µV/°C. This number
is specified with robust statistical methods on device population bench system measurements. The low drift
enables the amplifiers to be used in very high precision, high voltage applications. The input offset voltage
versus temperature is for the OPA591 is illustrated in Figure 6-2.
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com