Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 21Page - Texas Instruments OPA591DBVR Datasheet HTML 22Page - Texas Instruments OPA591DBVR Datasheet HTML 23Page - Texas Instruments OPA591DBVR Datasheet HTML 24Page - Texas Instruments OPA591DBVR Datasheet HTML 25Page - Texas Instruments OPA591DBVR Datasheet HTML 26Page - Texas Instruments OPA591DBVR Datasheet HTML 27Page - Texas Instruments OPA591DBVR Datasheet HTML 28Page - Texas Instruments OPA591DBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
7.2.4 Current Booster
Some instances exists where designers require more output current drive from the OPAx591. Fig shows a
simple current booster circuit that enables high voltage, high current drive capability. The circuit can be built
with a couple of power MOSFETs or BJTs. One advantage of this circuit over monolithic power amplifiers is the
significantly better thermal performance. The external transistors deliver the power and the OPAx591 is kept
relatively cool to prevent any thermally related performance degradation.
+
–
1k
7k
OPAx591
VIN
85V
10
400pF
200
200
V+
V
CL
RL
VOUT
Figure 7-8. Current Booster Circuit
7.3 Power Supply Recommendations
The OPAx591 operates from power supplies up to ±42.5V (85V), and as little as ±4V (8V) with excellent
performance. Most behavior remains unchanged throughout the full operating voltage range, but parameters can
vary with operating voltage. A power-supply bypass capacitor of at least 0.1µF is required for proper operation.
Make sure that the capacitor voltage is rated for high voltage across the full operating temperature range. The
OPAx591 can be powered with asymmetrical supplies to optimize power dissipation in applications that do not
require an equal positive and negative output voltage swing.
7.4 Layout
7.4.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including
the following guidelines:
• Noise can propagate into analog circuitry through the power pins of the op amp and the circuit as a
whole. Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground. Place
the capacitors as close to the device as possible. A single bypass capacitor from V+ to ground is sufficient for
single supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are typically devoted to ground
planes. A ground plane helps distribute heat and reduces EMI noise pickup. Physically separate digital and
analog grounds paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as opposed
to in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• Clean the PCB following board assembly for best performance.
• Any precision integrated circuit can experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, bake the PCB assembly to remove moisture
introduced into the device packaging during the cleaning process. A low temperature, post cleaning bake
at 85°C for 30 minutes is sufficient for most circumstances.
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com