Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 17Page - Texas Instruments OPA591DBVR Datasheet HTML 18Page - Texas Instruments OPA591DBVR Datasheet HTML 19Page - Texas Instruments OPA591DBVR Datasheet HTML 20Page - Texas Instruments OPA591DBVR Datasheet HTML 21Page - Texas Instruments OPA591DBVR Datasheet HTML 22Page - Texas Instruments OPA591DBVR Datasheet HTML 23Page - Texas Instruments OPA591DBVR Datasheet HTML 24Page - Texas Instruments OPA591DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The OPAx591 are high precision, low power (450μA), high-slew rate (100V/μs), 85V power operational amplifiers
(op amps). These op amps use a proprietary design technique to achieve a very high slewing capability while
consuming minimal power. The low power consumption helps reduce heat generation on the board while the
output swings near the supply rail. The high slew reduces slew related distortion at the output when dealing with
large peak, high frequency signals.
7.2 Typical Applications
7.2.1 High Voltage Instrumentation Amplifier
Current monitoring is a critical function in a wide range of applications. While several current sensing methods
exist, a shunt resistor provides a highly accurate, and robust approach. Designers need to choose between
high-side and low-side current measurements. High-side measurement is often preferred where accuracy and
load protection are critical.
High-side current sense circuits require special consideration of the input and output common-mode limitations
of the amplifier. The biggest challenge in high-side current measurements is making sure that the amplifier can
support and mitigate the errors that are inherent to high common-mode voltage. Designers can attenuate the
common-mode voltage by using a difference amplifier, but significant gain and input impedance trade-offs exist.
High input impedance and large gain is especially critical when measuring small currents. In such cases, an
instrumentation amplifier provides the required input impedance, and gain.
The trade-off is that instrumentation amplifiers have a complex input voltage range that depends on the
common-mode voltage, differential voltage, gain, and reference voltage. The input stage alone is bound by
the input common-mode voltage limitation and the maximum power supply voltage range of the operational
amplifier. Fortunately, the OPAx591 offers a high operating power supply voltage that enables designers to build
a very high common-mode, high impedance, high gain, high common-mode rejection instrumentation amplifier.
This instrumentation amplifier can be used to measure small differential signals in the presence of very high
common-mode voltage.
7.2.1.1 Design Requirements
RG1
100k
RES21A00
RIN1
10k
RG2
100k
RIN2
10k
+
–
OPAx591
V+
VIN+
VOUT
VIN
VREF
V
+
–
OPAx591
V+
V
+
–
OPAx591
V+
V
2k
19k
19k
10k
RL
IL =
100nA
to 1µA
Figure 7-1. OPAx591 Instrumentation Amplifier With RES31A
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com