Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 19Page - Texas Instruments OPA591DBVR Datasheet HTML 20Page - Texas Instruments OPA591DBVR Datasheet HTML 21Page - Texas Instruments OPA591DBVR Datasheet HTML 22Page - Texas Instruments OPA591DBVR Datasheet HTML 23Page - Texas Instruments OPA591DBVR Datasheet HTML 24Page - Texas Instruments OPA591DBVR Datasheet HTML 25Page - Texas Instruments OPA591DBVR Datasheet HTML 26Page - Texas Instruments OPA591DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
VOUT= VIN+−VIN− 1+2RFRG RG2RIN2 +VREF
(5)
This application uses the RES31A matched resistor chip from Texas Instruments. The resistors provide excellent
matching and temperature drift when compared to discrete 0.1% resistors. Resistor matching is critical to
achieving high common-mode rejection and low gain error. Figure 7-1 shows the final circuit. The circuit results
are shown in Figure 7-4, Figure 7-5. Note that the error is a simulated result at room temperature with typical dc
error values and worst case resistor matching values. Room temperature calibration is recommended to achieve
higher accuracy measurements.
To simplify this circuit further, the OPAx591 can be used to gain and buffer a readily available monolithic
difference amplifier, like INA132. The OPAx591 provide high gain and high input impedance necessary to
measure small current values.
+
–
V
IN
V
OUT
R
+
–
V
IN+
R
+
–
R
R
INA592
V+
V+
V++
OPAx591
V
REF
OPAx591
R
G
R
F
R
F
Figure 7-3. OPA591 Buffer for INA132
7.2.1.3 Application Curves
Input Current (
V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 7-4. Output Voltage
Figure 7-5. Output Voltage and Error
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com