Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 15Page - Texas Instruments OPA591DBVR Datasheet HTML 16Page - Texas Instruments OPA591DBVR Datasheet HTML 17Page - Texas Instruments OPA591DBVR Datasheet HTML 18Page - Texas Instruments OPA591DBVR Datasheet HTML 19Page - Texas Instruments OPA591DBVR Datasheet HTML 20Page - Texas Instruments OPA591DBVR Datasheet HTML 21Page - Texas Instruments OPA591DBVR Datasheet HTML 22Page - Texas Instruments OPA591DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
6.3.3 Thermal Protection
The OPAx591 has a thermal protection feature that prevents damage from self heating. When the junction
temperature (TJ) reaches approximately 170ºC, the op amp output stage disables. This thermal protection works
by monitoring the temperature of the output stage and turning off the op amp output drive. Thermal protection
forces the output to a high-impedance state. The OPAx591 is designed with approximately 20°C of thermal
hysteresis and returns to normal operation when the output stage temperature becomes less than approximately
150°C.
This thermal protection is not designed to prevent this device from exceeding absolute maximum ratings, but
rather from excessive thermal overload.
6.3.4 Advanced Slew Boost
Slew rate is the maximum rate of change of output voltage change with respect to time and is typically specified
in units of volts per microsecond, V/µs. Op amps can enter a slew condition when a large, rapid moving signal
is applied at the input. While slewing, the op amp enters an open loop condition and significant slew induced
distortion can be seen on the output signal.
Equation 2 shows that the slew rate, SR, of an op amp is typically determined by the saturation current of the
input stage, ITAIL, and the compensation capacitor, CC.
SR=ITAILCC
(2)
Slew rate typically scales with the quiescent current, IQ, of the op amp. There are several ways that designers
have overcome slew rate limitation. For example, lowering CC, commonly known as decompensation, improves
slew rate at the expense of stability. Decompensated op amps require a minimum gain and are not stable
at unity gain. More commonly, modern op amps are equipped with slew boost technology that increases ISAT
to improve slew rate. Slew boost circuits can vary in implementation, but typically, expect about a four-fold
improvement over comparable unboosted op amps.
The OPAx591 uses a proprietary design to achieve an unprecedented slew rate to IQ ratio. The novel slew boost
technology in OPAx591 provides a nearly 100 × slew rate improvement over comparable unboosted op amps.
The op amp is unity gain stable and can be used configured as a buffer if desired.
Table 6-1 shows a comparison of slew rates and quiescent currents of different op amps.
Table 6-1. Op Amp Slew Rates and Quiescent
Current
PART NUMBER
SLEW RATE
QUIESCENT
CURRENT
OPAx591
100V/µs
450µA
OPAx188
0.8V/µs
425µA
OPAx202
0.35V/µs
580µA
OPAx192
20V/µs
1mA
OPA454
13V/µs
3.2mA
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com