Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA591DBVR
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591DBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA591DBVR Datasheet HTML 20Page - Texas Instruments OPA591DBVR Datasheet HTML 21Page - Texas Instruments OPA591DBVR Datasheet HTML 22Page - Texas Instruments OPA591DBVR Datasheet HTML 23Page - Texas Instruments OPA591DBVR Datasheet HTML 24Page - Texas Instruments OPA591DBVR Datasheet HTML 25Page - Texas Instruments OPA591DBVR Datasheet HTML 26Page - Texas Instruments OPA591DBVR Datasheet HTML 27Page - Texas Instruments OPA591DBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
7.2.2 DAC Output Gain and Buffer
Many applications require precise control of a high voltage signal, but existing digital-to-analog converters
(DACs) have a limited output range of 0V to 5V. The OPAx591 is designed for use as an output driver stage
with gain to provide a high voltage, bipolar output voltage. The OPAx591 offers excellent dc precision at high
voltage, small form factor packages, and low power consumption, making these amplifiers a great choice for
high-channel, high density systems common in many test and measurement applications.
+
–
DAC
255k
34k
VREF = 5V
42.5V
62pF
42.5V
29.8k
OPA591
VOUT
Figure 7-6. DAC Output Gain and Buffer
7.2.3 Single-Supply Piezoelectric Driver
Some piezoelectric transducers can be referenced to ground as shown in Figure 7-7. The piezoelectric load
presents a large capacitance at the output of the amplifier and proper compensation is required to avoid
instability. Figure 7-7 uses a dual-feedback compensation scheme to improve phase margin and enable accurate
voltage setting to the load. Also consider the output current drive requirement. The current drive demand is
determined by the frequency of operation and the effective capacitance of the load. High frequency and large
capacitance reduce the effective impedance of the load and thereby increase the current drive requirement. The
OPAx591 are an excellent choice to drive piezoelectric loads at dc and low frequency.
+
–
5k
75k
OPA591
DAC
5V
85V
80V
+
1nF
10
1µF
Figure 7-7. 80V Single-Supply Piezoelectric Driver
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com