Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 10 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 10 Page - Midas Components

Back Button LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components LEDV3 Datasheet HTML 13Page - Midas Components LEDV3 Datasheet HTML 14Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Operating temperature
TOP
-20
+70
℃
Storage temperature
TST
-30
+80
℃
NOTE:
If the absolute maximum rating of even is one of the above parameters is exceeded even momentarily,
the quality of the product may be degraded. Absolute maximum ratings, therefore, specify the values
exceeding which the product may be physically damaged. Be sure to use the product within the range
of the absolute maximum ratings.
5.2 DC Electrical Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Note
Digital Supply Voltage
VDD
2.4
2.8
3.3
V
Digital interface supple Voltage
VDDIO
1.65
1.8
3.3
V
Normal mode Current
consumption
IDD
--
7
--
mA
Level input voltage
VIH
0.7VDDIO
VDDIO
V
VIL
GND
0.3VDDIO
V
Level output voltage
VOH
0.8VDDIO
VDDIO
V
VOL
GND
0.2VDDIO
V
5.3 LED Backlight Characteristics
The back-light system is edge-lighting type with 3 chips White LED
Item
Symbol
Min.
Typ.
Max.
Unit
Note
Forward Current
IF
45
60
--
mA
Forward Voltage
VF
--
3.2
--
V
LCM Luminance
LV
400
450
--
cd/m2
Note3
LED life time
Hr
50000
--
--
Hour
Note1,2
Uniformity
AVg
80
--
--
﹪
Note3
Page 10 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com