Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 6 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 6 Page - Midas Components

Back Button LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
3
IOVCC
Supply voltage(1.65-3.3V).
P
4
IM2
Interface selecting signal.
I
5
IM1
I
6
IM0
I
7
RESET
This signal will reset the device and must be applied to properly
initialize the chip.
I
8
CS
Chip select input pin (“Low” enable).
fix this pin at VCI or GND when not in use.
I
9
DC(SPI-SCL)
-Display data/command selection pin in parallel interface.
-This pin is used to be serial interface clock.
DC=’1’: display data or parameter.
DC=’0’: command data.
-If not used, please fix this pin at VDDI or DGND.
I
10
WR(SPI-RS)
-Write enable in MCU parallel interface.
- Display data/command selection pin in 4-line serial interface.
- Second Data lane in 2 data lane serial interface.
-If not used, please fix this pin at VDDI or DGND.
I
11
RD
Serves as a read signal and MCU read data at the rising edge.
fix this pin at VCI or GND when not in use.
I
12
VSYNC
Frame synchronous signal. Low active.
Connect to I GND when DPI is not selected.
I
13
HSYNC
Line synchronous signal. Low active.
Connect to GND when DPI is not selected.
I
14
ENABLE
Data enable signal in DPI operation.
Low: Select (Accessible)
High: Not select (Inaccessible)
Connect to GND when DPI is not selected.
I
15
DOTCLK
Pixel clock signal. The data input timing is set on the rising edge.
Connect to GND when DPI is not selected.
I
16
SDA
Serial data input/output pin in DBI Type C operation.
I
17~34
DB0~DB17
Data bus.
Connect to GND when is not used.
P
35
SDO
This pin is enabled when SDOE=1 and DBI Type C is used. With this
setting, SDA can be used as an input pin and SDO pin can be used
as an output pin without bidirectional bus to exe cute serial
communication.
If not used please open.
O
36
LEDA
Anode pin of backlight.
P
37
LEDK1
Cathode pin of backlight.
P
Page 6 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com