Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 21 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 21 Page - Midas Components

Back Button LEDV3 Datasheet HTML 17Page - Midas Components LEDV3 Datasheet HTML 18Page - Midas Components LEDV3 Datasheet HTML 19Page - Midas Components LEDV3 Datasheet HTML 20Page - Midas Components LEDV3 Datasheet HTML 21Page - Midas Components LEDV3 Datasheet HTML 22Page - Midas Components LEDV3 Datasheet HTML 23Page - Midas Components LEDV3 Datasheet HTML 24Page - Midas Components LEDV3 Datasheet HTML 25Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LCD: Liquid Crystal Display , TP: Touch Panel , LCM: Liquid Crystal Module
No
Items to be
inspected
Criteria
Classification of
defects
1
Functional defects
1) No display, Open or miss line
2) Display abnormally, Short
3) Backlight no lighting, abnormal lighting.
4) TP no function
Major
2
Missing
Missing component
3
Outline dimension
Overall outline dimension beyond the drawing
is not allowed
4
Color tone
Color unevenness, refer to limited sample
Minor
5
Soldering
appearance
Good soldering , Peeling off is not allowed.
6
LCD/Polarizer/TP
Black/White spot/line, scratch, crack, etc.
7.1.4 Criteria (Visual)
Number
Items
Criteria(mm)
1.0
LCD
Crack/Broken
NOTE:
X: Length
Y: Width
(1) The edge of LCD broken
X
Y
Z
≤3.0mm
<Inner border line
of the seal
≤T
Page 21 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com