Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 2 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 2 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
4. LCD Optical Characteristics .......................................................................................... 8
4.1 Optical specification .........................................................................................................................8
4.2 Measuring Condition.........................................................................................................................9
4.3 Measuring Equipment .......................................................................................................................9
5.
Electrical Characteristics............................................................................................ 10
5.1 Absolute Maximum Rating (Ta=25 VSS=0V) ...............................................................................10
5.2 DC Electrical Characteristics......................................................................................................... 11
5.3 LED Backlight Characteristics ...................................................................................................... 11
6. AC Characteristic .......................................................................................................... 13
6.1 Display Parallel 8/16-bit Interface Timing Characteristics (8080 system)..............................13
6.2 Display Serial Interface Timing Characteristics (3-line SPI system) ......................................15
6.3Display Serial Interface Timing Characteristics (4-line SPI system)........................................16
6.4 Parallel RGB Interface Timing Characteristics ...........................................................................17
6.5 Reset Timing Characteristics ........................................................................................................18
7. LCD Module Out-Going Quality Level ....................................................................... 20
7.1 VISUAL & FUNCTION INSPECTION STANDARD ........................................................................21
7.1.1 Inspection conditions .............................................................................................................................................21
7.1.2 Definition ...............................................................................................................................................................21
7.1.3 Sampling Plan .......................................................................................................................................................21
7.1.4 Criteria (Visual) ......................................................................................................................................................22
8. Reliability Test Result .................................................................................................. 26
8.1 Condition ..........................................................................................................................................26
9. Cautions and Handling Precautions .......................................................................... 27
9.1 Handling and Operating the Module ...........................................................................................27
9.2 Storage and Transportation. ..........................................................................................................27
10. Packing ......................................................................................................................... 28
* Description
This is a color active matrix TFT (Thin Film Transistor) LCD (liquid crystal display) that uses amorphous silico
n TFT as a switching device. This model is composed of a Transmissive type TFT-LCD Panel, driver circuit,
back-light unit. The resolution of a 1.77
’TFT-LCD contains 240x320 pixels, and can display up to 65K colors.
* Features
-Low Input Voltage: VCC:3.3V(TYP);IOVCC:2.8-3.3V
-Display Colors of TFT LCD: 65K colors
-Interface: 8/9/16/18Bit MCU;
3/4SPI+16/18Bit RGB
3-line/4-line Serial Interface
Page 2 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com