Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 20 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 20 Page - Midas Components

Back Button LEDV3 Datasheet HTML 16Page - Midas Components LEDV3 Datasheet HTML 17Page - Midas Components LEDV3 Datasheet HTML 18Page - Midas Components LEDV3 Datasheet HTML 19Page - Midas Components LEDV3 Datasheet HTML 20Page - Midas Components LEDV3 Datasheet HTML 21Page - Midas Components LEDV3 Datasheet HTML 22Page - Midas Components LEDV3 Datasheet HTML 23Page - Midas Components LEDV3 Datasheet HTML 24Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
7.1 VISUAL & FUNCTION INSPECTION STANDARD
7.1.1 Inspection conditions
Inspection performed under the following conditions is recommended.
Temperature : 25±5℃
Humidity :
65%±10%RH
Viewing Angle : Normal viewing Angle.
Illumination: Single fluorescent lamp (300 to 700Lux)
Viewing distance:30-50cm
7.1.2 Definition
Zone A : Effective Viewing
Area(Character or Digit can be seen)
Zone B : Viewing Area except Zone A
Zone C : Outside (Zone A+Zone B) which can not be seen after assembly by customer .)
Note:
As a general rule ,visual defects in Zone C can be ignored when it doesn’t effect product function
or appearance after assembly by customer.
7.1.3 Sampling Plan
According to GB/T 2828-2003 ; , normal inspection, Class Ⅱ
AQL:
Major defect
Minor defect
0.65
1.5
Upper
Glass
Upper
Polarizer
Bottom glass
Bottom Polarizer
Light Source
Zone A
Zone B
Zone C
Page 20 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com