Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 23 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 23 Page - Midas Components

Back Button LEDV3 Datasheet HTML 19Page - Midas Components LEDV3 Datasheet HTML 20Page - Midas Components LEDV3 Datasheet HTML 21Page - Midas Components LEDV3 Datasheet HTML 22Page - Midas Components LEDV3 Datasheet HTML 23Page - Midas Components LEDV3 Datasheet HTML 24Page - Midas Components LEDV3 Datasheet HTML 25Page - Midas Components LEDV3 Datasheet HTML 26Page - Midas Components LEDV3 Datasheet HTML 27Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
2.0
Spot defect
Y
X
Φ=(X+Y)/2
① light dot(LCD/TP/Polarizer black/white spot , light dot, pinhole, dent,
stain)
Zone
Size (mm)
Accep able Qty
A
B
C
Φ≤0.10
Ignore
Ignor
0.10<Φ≤0.20
3( distance≧10mm)
0.20
<Φ≤0.25
2
Φ>0.25
0
②Dim spot(LCD/TP/Polarizer dim dot, light leakage、dark spot)
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.1
Ignore
Ignore
0.10
<Φ≤0.20
3( distance≧10mm)
0.20
<Φ≤0.30
2
Φ>0.30
0
③ Polarizer accidented spot
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.2
Ignore
Ignore
0.3<
Φ≤0.5
2( distance≧10mm)
Φ>0.5
0
Line
defect
(LCD/TP
/Polarizer
black/white
line, scratch,
stain)
Width(mm)
Length(mm
Acceptable Qty
A
B
C
Φ≤0.03
Igno e
Ignore
Ignore
0.03<
W≤0.05
L≤3.0
N≤2
0.05<W≤0.08
L≤2.0
N≤2
0.08<W
Define as spot defect
3.0
Polarizer
Bubble
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.2
Ignore
Ignore
0.2<Φ≤0.4
3(distance≧10 m)
0.4<Φ≤0.6
2
0.6<Φ
0
Page 23 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com