Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 24 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 24 Page - Midas Components

Back Button LEDV3 Datasheet HTML 19Page - Midas Components LEDV3 Datasheet HTML 20Page - Midas Components LEDV3 Datasheet HTML 21Page - Midas Components LEDV3 Datasheet HTML 22Page - Midas Components LEDV3 Datasheet HTML 23Page - Midas Components LEDV3 Datasheet HTML 24Page - Midas Components LEDV3 Datasheet HTML 25Page - Midas Components LEDV3 Datasheet HTML 26Page - Midas Components LEDV3 Datasheet HTML 27Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
4.0
SMT
According to IPC-A-610C class Ⅱ standard . Function defect and missing
part are major defect ,the others are minor defect.
5.0
TP
Related
TP bubble/
accidented
spot
Size
Φ(mm)
Acceptable Qty
A
B
C
Φ≤0.1
Ignore
Ignore
0.1<
Φ≤0.25
3(distance≧
10mm)
0.25<
Φ≤0.3
2
0.3<
Φ
0
Assembly
deflection
beyond the edge of backlight ≤0.15mm
Newton
Ring
Newton Ring area>1/3 TP area
NG
Newton Ring area≤1/3 TP area
OK
TP corner
broken
X:length
Y:width
Z:height
*
Circuitry broken is not allowed.
Z
X
Y
X
Y
Z
X≤3.0mm
Y≤3.0mm
Z<LCD
thicknes
s
Page 24 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com