Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 31Page - Analog Devices ADUCM350BBCZ Datasheet HTML 32Page - Analog Devices ADUCM350BBCZ Datasheet HTML 33Page - Analog Devices ADUCM350BBCZ Datasheet HTML 34Page - Analog Devices ADUCM350BBCZ Datasheet HTML 35Page - Analog Devices ADUCM350BBCZ Datasheet HTML 36Page - Analog Devices ADUCM350BBCZ Datasheet HTML 37Page - Analog Devices ADUCM350BBCZ Datasheet HTML 38Page - Analog Devices ADUCM350BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 34 of 40
MICROSUBSYSTEM
MEMORIES
The memory offerings for the ADuCM350 are as follows:
• 384 kB flash.
• 16 kB of flash configured for EEPROM emulation.
• 2 kB user information.
• 32 kB SRAM.
• 2 kB dedicated SRAM for USB endpoint.
Flash
The ADuCM350 includes 384 kB of embedded flash memory,
accessed using the flash controller. The flash controller is con-
nected to the bus matrix as a slave device for core and DMA
access, as well as the 32-bit AHB for MMR access.
The flash controller supports 384 kB of user space and 2 kB of
information space. Read and write to flash are executed via
AHB only. The 384 kB flash memory comprises one 256 kB
flash array and one 128 kB flash array. The 256 kB flash
memory array and 128 kB flash array are controlled by two
separate flash controllers with separate register controls.
With respect to flash integrity, the device supports
• Automatic signature check of information space at reset
• User signature for application code
• Parity checking on a per access basis
• 20,000 cycle endurance with 20 ms erase and 20 μs program
• 100-year data retention at room temperature
General-Purpose Flash
The device contains 16 kB of embedded flash memory for
general purpose, such as EEPROM emulation.
SRAM
There is 32 kB of SRAM on chip of which 16 kB is retained
during hibernate mode and an optional 16 kB can be retained
during hibernate for reduced leakage current.
DEBUG CAPABILITY
The ADuCM350 supports two types of debug host interface:
4-wire JTAG debug (JTAG) interface and a serial 2-wire debug
(SWD) interface.
The ADuCM350 incorporates the complete embedded trace of
the ARM Cortex-M3 features to maximize code analysis, system
profiling, and debugging capabilities.
PROGRAMMABLE GPIOS
The ADuCM350 has 66 GPIO pins, most of which have
multiple, configurable functions defined by user code. They can
be configured as an input/output and have programmable pull-
up or pull-down resistors. All I/O pins are functional over the
full supply range (VBAT = 1.8 V to 3.6 V).
In power saving mode, GPIO pins retain state; they tristate on
reset to prevent any bus irritation. GPIOs of note are as follows:
• 32 pins multiplexed with LCD segment common pins
• Six pins multiplexed with CapTouch
• Nine pins on a dedicated VDDIO for ease of interfacing to
peripherals
TIMERS
General-Purpose Timers
ADuCM350 has three identical general-purpose timers, each
with a 16-bit count-up/count-down counter. The count-
up/count-down counter can be clocked from one of four user
selectable clock sources. Any selected clock source can be scaled
down using a prescaler of 16, 256, or 32,768.
Watch Dog Timer (WDT)
The watchdog timer is a 16-bit count-down timer with a program-
mable prescaler. The prescaler source is selectable and can be
scaled by a factor of 1, 16, 256, or 4096. The watchdog timer is
clocked either by the 32 kHz crystal oscillator (LFXTAL) or by
the 32 kHz on-chip oscillator (LFOSC).The watchdog timer
(WDT) is used to recover from an illegal software state. After
the WUT is enabled by user code, it requires periodic servicing
to prevent it from forcing a reset or interrupt of the processor. A
WDT timeout can generate a reset or an interrupt.
Wake-Up Timer
The wake-up timer (WUT) consists of a 32-bit counter clocked
from the 32 kHz external crystal (LFXTAL), 32 kHz internal
oscillator (LFOSC), or peripheral clock (PCLK). The selected
clock source can be scaled
USB
The USB port on the ADuCM350 is a USB 2.0 full speed com-
pliant port. The module consists of the USB controller, USB
PHY, USB RAM, and a 2-channel DMA. An integrated regulator
powered by VBUS supplies the USB PHY. A dedicated PLL with
60 MHz clock capability is available for clock generation.
The USB supports bulk, isochronous, interrupt, and control modes.
It has seven hardware endpoint and a dedicated 2-channel DMA. It
supports suspend and wakeup.
The controller hardware is supplemented by a complete set of
USB device class drivers to provide complete USB functionality
using a defined Micrium stack. The USB stack has a requirement
for an RTOS to be on the system. Analog Devices, Inc., has
developed its system using the Micrium μC/OS-II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com