Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 14Page - Analog Devices ADUCM350BBCZ Datasheet HTML 15Page - Analog Devices ADUCM350BBCZ Datasheet HTML 16Page - Analog Devices ADUCM350BBCZ Datasheet HTML 17Page - Analog Devices ADUCM350BBCZ Datasheet HTML 18Page - Analog Devices ADUCM350BBCZ Datasheet HTML 19Page - Analog Devices ADUCM350BBCZ Datasheet HTML 20Page - Analog Devices ADUCM350BBCZ Datasheet HTML 21Page - Analog Devices ADUCM350BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 17 of 40
Figure 6. SPI Master Mode Timing (Phase Mode = 0)
Table 32. SPI Slave Mode Timing
Parameter
Description
Min
Typ
Max
Unit
t
CS
CS to SCLK edge
38
ns
tSL
SCLK low pulse width1
(SPIXDIV[5:0] + 1) × tUCLK
ns
tSH
SCLK high pulse width1
62.5
(SPIDIV[5:0] + 1) × tUCLK
ns
tDAV
Data output valid after SCLK edge
49.1
ns
tDSU
Data input setup time before SCLK edge
20.2
ns
tDHD
Data input hold time after SCLK edge
10.1
ns
tDF
Data output fall time
12
35.5
ns
tDR
Data output rise time
12
35.5
ns
tSR
SCLK rise time
12
35.5
ns
tSF
SCLK fall time
12
35.5
ns
tDOCS
Data output valid after CS edge
25
ns
tSFS
CS high after SCLK edge
0
ns
1 tUCLK = 62.5 ns. It corresponds to the maximum internal clock frequency before clock dividers.
Figure 7. SPI Slave Mode Timing (Phase Mode = 1)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MSB
BIT 6 TO BIT 1
LSB
MISO
MSB IN
BIT 6 TO BIT 1
LSB IN
tSH
tSR
tSF
tDR
tDF
tDAV
tDOSU
tDSU
tDHD
CS
1 SCLK CYCLE
tCS
tSL
1 SCLK CYCLE
tSFS
SCLK
(POLARITY = 0)
CS
SCLK
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISO
MSB
BIT 6 TO BIT 1
LSB
MOSI
MSB IN
BIT 6 TO BIT 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com