Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADUCM350BBCZ Datasheet HTML 1Page - Analog Devices ADUCM350BBCZ Datasheet HTML 2Page - Analog Devices ADUCM350BBCZ Datasheet HTML 3Page - Analog Devices ADUCM350BBCZ Datasheet HTML 4Page - Analog Devices ADUCM350BBCZ Datasheet HTML 5Page - Analog Devices ADUCM350BBCZ Datasheet HTML 6Page - Analog Devices ADUCM350BBCZ Datasheet HTML 7Page - Analog Devices ADUCM350BBCZ Datasheet HTML 8Page - Analog Devices ADUCM350BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 4 of 40
SPECIFICATIONS
All characterization is at VCCM = 2.5 V to 3.6 V, specifications below 2.5 V are for functionality only, all minimum and maximum
specifications are specified for a temperature range of −40°C to +85°C, unless otherwise noted.
ANALOG FRONT-END SPECIFICATIONS
AFE LDO Specifications
Table 1. AFE LDO Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Output Voltage
1.71
1.8
1.89
V
Measured with a load capacitance (CLOAD) = 0.47 µF; measured with 1 mA
load current on AVDD_RX/TX; all AFE blocks powered down
Dropout
150
200
mV
10 mA load applied; no AFE blocks enabled
REGULATION
Line
1080
µV/V
10 mA load applied
Load
0.65
mV/mA
10 mA load applied
POWER UP
Power-Up Time
500
µs
Measured with a CLOAD = 0.47 µF; current limit enabled
High Precision Internal Reference Specifications
Table 2. High Precision Internal Reference Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC VREF
Reference Voltage Initial Accuracy1
1.797
1.8
1.803
V
For a temperature range of 0°C to 50°C
1.79
1.8
1.803
V
For a temperature range of −40°C to +85°C
Output Impedance
570
mΩ
LDO and reference enabled; all other AFE
blocks disabled; reference loaded with
50 µA on VREF
Temperature Coefficient2
−52
+90
ppm/°C
For a temperature range of −40°C to
+85°C, maximum value from −40°C to
+25°C, and from +25°C to +85°C specified
−45
+48
ppm/°C
For a temperature range of 0°C to 50°C,
maximum value from −40°C to +25°C, and
from 25°C to 85°C specified
VREF Thermal Hysteresis
50
ppm
REF_EXCITE Switching Load
1.789
1.793
1.797
V
ILOAD = 200 µA; internal ADC measurement
Line Regulation
50
µV/V
VCCM1 = 2.5 V, VCCM2 = 3.6 V; reference
loaded with 300 µA
Short-Circuit Current to Ground
10
mA
Current limit off
DAC VREF
Reference Voltage
1.77
1.8
1.83
V
VBIAS
VBIAS Voltage
1.095
1.1
1.102
V
Measured with a CLOAD = 0.47 µF; no
current load
1
Reference voltage is trimmed unloaded. Measured with CLOAD = 4.7 µF. Measured at 25°C.
2
Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com