Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 11Page - Analog Devices ADUCM350BBCZ Datasheet HTML 12Page - Analog Devices ADUCM350BBCZ Datasheet HTML 13Page - Analog Devices ADUCM350BBCZ Datasheet HTML 14Page - Analog Devices ADUCM350BBCZ Datasheet HTML 15Page - Analog Devices ADUCM350BBCZ Datasheet HTML 16Page - Analog Devices ADUCM350BBCZ Datasheet HTML 17Page - Analog Devices ADUCM350BBCZ Datasheet HTML 18Page - Analog Devices ADUCM350BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 14 of 40
Parameter
Description
Min
Max
Unit
tPSU
Stop condition setup time
4.0
μs
tBUF
Bus-free time between a stop condition and a start condition
4.7
μs
tR
Rise time for both clock and data
1
μs
tF
Fall time for both clock and data
300
ns
1 A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VINH (minimum) of the SCL signal) to bridge the undefined region
of the falling edge of SCL.
Figure 2. I2C-Compatible Interface Timing
SDA (I/O)
tBUF
MSB
LSB
ACK
MSB
1
9
8
2 TO 7
1
SCL (I)
PS
STOP
CONDITION
START
CONDITION
S(R)
REPEATED
START
tSUP
tR
tF
tF
tR
tH
tL
tSUP
tDSU
tDHD
tRSU
tDHD
tDSU
tSHD
tPSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com