Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 9Page - Analog Devices ADUCM350BBCZ Datasheet HTML 10Page - Analog Devices ADUCM350BBCZ Datasheet HTML 11Page - Analog Devices ADUCM350BBCZ Datasheet HTML 12Page - Analog Devices ADUCM350BBCZ Datasheet HTML 13Page - Analog Devices ADUCM350BBCZ Datasheet HTML 14Page - Analog Devices ADUCM350BBCZ Datasheet HTML 15Page - Analog Devices ADUCM350BBCZ Datasheet HTML 16Page - Analog Devices ADUCM350BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 12 of 40
POWER MANAGEMENT SPECIFICATIONS
The following tables cover the specifications for the power management section of the ADuCM350.
Power Supplies
Table 23. Power Supplies Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES
VCCM_ANA/VCCM_DIG
2
3.6
V
VCCM_x pins connected to the CR2032 battery, main supply for ADuCM350
VCCM_ANA/VCCM_DIG
2.5
3.6
V
Battery operating range
VBACK
1.62
3.6
V
Super capacitor pin, back-up mode supply
VBUS
4.75
5
5.25
V
USB 5 V supply
VDD_IO
1.8
3.6
V
Supply for some digital I/O pads; see Table 35, I/O supply column for details
VLCDVDD
1.8
3.6
V
Supply for LCD I/O
Power Supply Monitoring
Table 24. Power Supply Monitoring Specifications
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VCCM PSM
Voltage Detection Range
1.7
3.2
V
100 mV step size
Hysteresis
±10
±100
mV
Trip Point Detection Accuracy
Hysteresis + 70
mV
VRTC PSM
Voltage Detection Range
1.55
1.7
V
100 mV step size
Hysteresis
±25
±100
mV
Trip Point Detection Accuracy
Hysteresis + 70
mV
VBACK PSM
Voltage Detection Range
1.7
3.2
V
100 mV step size
Hysteresis
±100
mV
Trip Point Detection Accuracy
Hysteresis + 70
mV
1
For details regarding these parameters, see the UG-587 hardware reference manual.
TRICKLE CHARGER
Table 25. Trickle Charger Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT
Charge Current
0.48
mA
Limits load on button cell at power-up
Reverse Current
1
μA
VOLTAGE
Forward Voltage
40
120
mV
Where forward current reduces to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com