Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 32Page - Analog Devices ADUCM350BBCZ Datasheet HTML 33Page - Analog Devices ADUCM350BBCZ Datasheet HTML 34Page - Analog Devices ADUCM350BBCZ Datasheet HTML 35Page - Analog Devices ADUCM350BBCZ Datasheet HTML 36Page - Analog Devices ADUCM350BBCZ Datasheet HTML 37Page - Analog Devices ADUCM350BBCZ Datasheet HTML 38Page - Analog Devices ADUCM350BBCZ Datasheet HTML 39Page - Analog Devices ADUCM350BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 35 of 40
POWER MANAGEMENT AND CLOCKING
Power Modes
The PMU provides control of the ADuCM350 power modes
and allows the ARM Cortex-M3 to control the clocks and
power gating to reduce the dynamic power and hibernate
power.
There are four power modes available; each mode provides an
additional low power benefit with a corresponding reduction in
functionality.
• Active mode—all peripherals can be enabled. Active power is
managed by optimized clock management.
• Core sleep—the core is clock gated but the remainder of the
system is active. No instructions can be executed in this
mode, but DMA transfers can continue between peripherals
and memory.
• System sleep—in system sleep, most peripherals are clock
gated and are no longer user programmable; the interrupt
controller remains active and the NVIC processes wake-up
events for a limited number of sources.
• Hibernate mode—some limited state retention, limited
number of wake-up interrupts, and the RTC is active.
The device also has a backup mode that supplies minimum
power to the RTC and associated circuitry from a super
capacitor. The RTC can run for >12 hours with an 80 mF
capacitor.
Power Management
The ADuCM350 has an integrated power management system
to optimize performance and extend battery life of the device.
See the UG-587 hardware reference manual for additional
details.
The power management system consists of
• Integrated analog and digital LDOs regulated to 1.8 V.
• Hibernate mode from 2.0 V to 3.6 V.
• High performance AFE measurement from 2.5 V to 3.6 V.
• Integrated power switches for low standby current in
hibernate mode.
• Integrated smart diode trickle charger for a super capacitor
for use in backup mode.
• Dedicated VDDIO voltage via nine GPIO pins for peripheral
interoperability.
• Dedicated regulator for USB transceiver and bus supplied
from the VUSB pin.
• Dedicated supervisory circuits for fail safe operation,
including power supply monitors of DVDD during flash
read/writes, PSM of VCCM to monitor supply during AFE
measurements, and PSM on the LFXTAL block to monitor
the clock source for RTC.
Clocking
Two on-chip oscillators and driver circuitry for two external
crystals are available on the ADuCM350: LFOSC is a 32 kHz
internal oscillator, HFOSC is a 16 MHz internal oscillator, and
LFXTAL is a 32 kHz external crystal oscillator, and HFXTAL is
a 16 MHz external crystal oscillator.
The ADuCM350 supports either 8 MHz or 16 MHz resonant
circuits. The HF RC oscillator has an accuracy of ±5%. A low
jitter clock source is used for accurate AFE measurements.
The USB has a frequency accuracy requirement of ±200 ppm.
The USB control logic must be clocked at >30 MHz. A
USBPHYCLK for clocking the USB PHY is also available and
must use a 60 MHz clock.
The low frequency clocking is optimized for ultralow power
applications. The RTC requires that the 32.768 kHz XTAL be
activated to run for 12 hours off a fully charged 0.08 F super
capacitor.
Real Time Clock
The RTC contains a low power crystal oscillation circuit that
operates in conjunction with a 32,768 Hz external crystal. It
achieves 25 ppm performance in keeping time at 25°C when
used with a 10 ppm crystal class load capacitors.
Features of the RTC include
• A 32-bit count register of the time in seconds from a known
reference point.
• A prescaler that divides down the 32,768 Hz crystal input to
1 Hz to advance the seconds count.
• RTC alarm and interrupt flags.
• Digital trim capability to allow a positive or negative
adjustment to the RTC count at fixed intervals.
DISPLAY OPTIONS
LCD Segment Display Driver and Controller
The ADuCM350 contains an on-chip LCD controller capable of
directly driving an LCD panel. For LCD functionality, 36 pins
are available on the device.
The LCD controller supports driving up to 128 segments, as
well as selectable multiplex option. The static option consists of
one backplane × 32 frontplanes and the 4× mux option consists
of four backplanes × 32 frontplanes. The LCD controller also
supports LCD waveform voltages that are generated using
internal charge pump circuitry and support levels from 2.4 V up
to 3.6 V LCDs, programmable frame rates, interrupt generation
at the frame boundary (for updating LCD data), and the LCD
frame clock (generated by using the on-board 32 kHz crystal).
LCD Display Controller Options
The LCD controller also has the ability to drive external LCD
display modules. It has 25 pins for the display interface, which
support data transfers of up to 16 bits.
Display controller supports Type A, Type B, and Type C of the
MIPI DBI Specification Version 2.0. Specifically, both Fixed-E
mode and Clocked-E mode options of the Type A interface are
supported, as well as all bus width options (8-/9-/16-bit data) for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com