Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADUCM350BBCZ Datasheet HTML 1Page - Analog Devices ADUCM350BBCZ Datasheet HTML 2Page - Analog Devices ADUCM350BBCZ Datasheet HTML 3Page - Analog Devices ADUCM350BBCZ Datasheet HTML 4Page - Analog Devices ADUCM350BBCZ Datasheet HTML 5Page - Analog Devices ADUCM350BBCZ Datasheet HTML 6Page - Analog Devices ADUCM350BBCZ Datasheet HTML 7Page - Analog Devices ADUCM350BBCZ Datasheet HTML 8Page - Analog Devices ADUCM350BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 3 of 40
GENERAL DESCRIPTION
The ADuCM350 is a complete, coin cell powered, high
precision, meter-on-chip for portable device applications for
applications such as point-of-care diagnostics and body-worn
devices for monitoring vital signs. The ADuCM350 is designed
for high precision amperometric, voltametric, and impedometric
measurement capabilities.
The ADuCM350 analog front end (AFE) features a 16-bit,
precision, 160 kSPS analog-to-digital converter (ADC); 0.17%
precision voltage reference; 12-bit, no missing codes digital-to-
analog converter (DAC); and a reconfigurable ultralow leakage
switch matrix. The ADuCM350 also includes an ARM® Cortex-
M3-based processor, memory, and all I/O connectivity to
support portable meters with display, USB communication, and
active sensors. The ADuCM350 is available in a 120-lead, 8 mm
× 8 mm CSP_BGA and operates from −40°C to +85°C.
To support extremely low dynamic and hibernate power
management, the ADuCM350 provides a collection of power
modes and features, such as dynamic and software controlled
clock gating and power gating.
The AFE is connected to the ARM Cortex-M3 via an advanced
high performance bus (AHB) slave interface on the advanced
microcontroller bus architecture (AMBA) matrix, as well as
direct memory access (DMA) and interrupt connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com