Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 4 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CN-0537
Circuit Note
Rev. A | Page 4 of 8
The photodetector current is calculated using the
ADPD188BI digital output, as shown in Equation 7.
1
_
PD
I
Code Q
PULSE COUNT
=
××
(7)
where:
IPD is the photodetector current in nA.
Code is the 32-bit output code in LSB.
Q is the ADC resolution in nA/LSB.
PULSE_COUNT is the number of LED pulses for the time slot.
The ADC resolution of the ADPD188BI is dependent on the
setting of the LED pulse width (Register 0x30 for Time Slot A
and Register 0x35 for Time Slot B) and the setting of the
internal transimpedance amplifier (TIA) gain (Register 0x55).
Refer to the ADPD188BI data sheet for the ADC resolution
using different TIA gain values.
Calculating the LED Efficiency
The efficiencies of integrated LEDs (ηLEDx) can be calculated
using Equation 3.
ηLED = ηN × k × C
(8)
where:
ηN is the nominal LED efficiency in W/A (0.38 for the blue
LED and 0.22 for the infrared LED).
k is the LED derating factor (for the blue LED, this is
calculated using Equation 9 and for the infrared LED, k = 1.0).
C is a scalar value to compensate for device-to-device
differences.
Unlike the infrared LED, the efficiency of the blue LED
decreases nonlinearly as the drive current is increased. As
such, the derating factor must first be calculated using
Equation 9.
k = A0 + A1ILED + A2(ILED)2 + A3(ILED)3
(9)
where:
A0 = 9.8976 × 10−1
A1 = −5.1448 × 10−3
A2 = 2.0287 × 10−5
A3 = −2.9645 × 10−8
Reading the ADPD188BI Gain Calibration Values
As shown in Equation 8, the ADPD188BI has a scalar value
that compensates for device variation, which is the gain
calibration for each LED and is calculated by using
Equation 10 to Equation 16.
_
LED
Gain I
INTER
C
NOMINAL SCALAR
×
+
=
(10)
For the blue LED
21 (
_
112) 21
256
GAIN COEFFICIENT
Gain
×−
=
+
(11)
INTER = 8 × (INTER_COEFFICIENT – 80)
(12)
NOMINAL_SCALAR = 21 × ILED + 753
(13)
For the infrared LED
42 (
_
112) 42
256
GAIN COEFFICIENT
Gain
×−
=
+
(14)
INTER = 5 × (INTER_COEFFICIENT – 80)
(15)
NOMINAL_SCALAR = 42 × ILED + 156
(16)
Note, these calibration equations are valid for devices with
Module ID 33. For the calibration equations for devices with
Module ID 30 and Module ID 31, refer to the AN-2033.
LED Temperature Compensation
The full loop response of the ADPD188BI is affected by the
ambient temperature. For the blue channel, this issue is further
complicated because the shape of the temperature response
curve can also vary, depending on the amount of LED current
used. Figure 5 illustrates the temperature effect on the relative
output response across the ADPD188BI operating temperature
range, using the common ILED settings of 100 mA and 175 mA
for the blue LED. For the infrared channel, the temperature
response curve is independent of the LED current.
Figure 5. Temperature Effect on the ADPD188BI Output Response
Relative to 25°C
To determine the value of the relative response, the ability to
measure the ambient temperature in real time is required. On
the CN-0537, a temperature and humidity sensor monitors
the conditions inside the chamber, next to the ADPD188BI.
Compensation for the temperature effect can then be done by
dividing the ADPD188BI output by the relative response for
the current ambient temperature, taken from the appropriate
curve in Figure 5.
25
T
C
T
Code
Code
RelativeResponse
° =
(17)
where:
Relative ResponseT is the relative response at the current
ambient temperature.
CodeT is the output code at the current ambient temperature.
Code25°C is the output code at temperature 25°C.
1.050
0.850
0.875
0.900
0.925
0.975
1.025
0.950
1.000
–60
100
60
20
80
40
0
–20
–40
TEMPERATURE (°C)
BLUE LED = 175mA
BLUE LED = 100mA
IR LED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com