Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 1 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Circuit Note
CN-0537
Circuits from the Lab® reference designs are engineered and tested
forquickandeasysystemintegrationtohelpsolve today’sanalog,
mixed-signal, and RF design challenges. For more information
and/orsupport,visitwww.analog.com/CN0537.
Devices Connected/Referenced
ADPD188BI
Integrated Optical Module for
Smoke Detection
ADP151
Ultralow Noise, 200 mA,
CMOS Linear Regulator
LT8410
Ultralow Power Boost
Converter with Output
Disconnect
Multistandard Verified Smoke Detector Solution
Rev. A
CircuitsfromtheLab®referencedesignsfromAnalogDeviceshavebeendesignedandbuiltby
Analog Devices engineers. Standard engineering practices have been employed in the design
and construction of each circuit, and their function and performance have been tested and
verifiedinalabenvironmentatroomtemperature.However,youaresolelyresponsiblefortesting
the circuit and determining its suitability and applicability for your use and application.
Accordingly, in no event shall Analog Devices be liable for direct, indirect, special, incidental,
consequential or punitive damages due to any cause whatsoever connected to the use of any
CircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©2020–2021 Analog Devices, Inc. All rights
reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0537 Reference Design Board (EVAL-CN0537-ARDZ)
ADICUP3029 Arduino Form Factor Development Board
(EVAL-ADICUP3029)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
Since the 1970s, smoke detectors have become commonplace
in commercial and residential buildings. Two basic types of
detectors exist today, the ionization type that uses radioactive
matter to ionize the air and checks for an electrical imbalance,
and the photoelectric type that uses a light source aimed at an
angle away from a photodetector and checks for photodetector
current caused by the light reflecting from airborne particles
to the photodiode. Although a combination solution of both
types is recommended, the photoelectric smoke detector is more
popular due to its improved reliability in detecting common
house fires and faster response times to smoldering fires.
Unfortunately, smoke detector technology and regulations
have also remained virtually the same since the 1970s despite
the advances in electronics and common household materials
through the decades. New revisions in standards, such as
ANSI/UL 217 and ANSI/UL 268, published by Underwriters
Laboratory (UL), or the NFPA®
72 National Fire Alarm Code,
published by the National Fire Protection Agency (NFPA), aim
to address this gap by placing more complex requirements on
modern smoke detector designs. Other worldwide standards,
such as EN 14604, EN 54, and ISO 7240 will likely add similar
tests to address this and other concerns in the future, making
it more important to have more advanced sensing capabilities.
The goal of these updated standards is to increase safety and
decrease the number of fire related deaths by reducing the
number of false alarms that are generated from everyday
activity. For example, in addition to the traditional fire and
smoke sensitivity tests, the 8th edition of UL 217 and the 7th
edition of UL 268 now requires that smoke detectors do not
produce a false alarm during nuisance events, like cooking.
Therefore, modern smoke detectors must be able to
distinguish between a cooking nuisance event and a fire
event. Traditionally, this goal required a complicated solution
with multiple sensor technologies and a level of artificial
intelligence. However, the use of the ADPD188BI makes this
solution significantly more simple to implement.
The circuit shown in Figure 1 is a tested and verified smoke
detector reference design with an available algorithm and a
data set based on the ADPD188BI optical module. For easy
and rapid development, the design is made compatible with
the Arduino form factor controller platforms. Software and
embedded algorithms combined with the hardware can be
used to evaluate smoke and fire tests specified in 8th edition
of the UL 217 and the 7th edition of the UL 268 standards.
Verified algorithms are available for direct use to help deploy
the smoke detection solution faster, and additional data can
also be collected and added into the algorithm to adapt it for
other standards.


Similar Part No. - ADP151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151 AD-ADP151 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
ADP151 AD-ADP151 Datasheet
1Mb / 23P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. J
ADP151 AD-ADP151 Datasheet
399Kb / 6P
Low Power LVDT Signal Conditioner with Synchronous Demodulation
Rev. 0
More results

Similar Description - ADP151

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
logo
NTE Electronics
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
ECG Smoke Detector Tester
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
Photoelectronic Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
IONIZATION SMOKE DETECTOR
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
Laser Smoke Detector
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
Ionization Smoke Detector IC
2009
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com