Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 6 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CN-0537
Circuit Note
Rev. A | Page 6 of 8
To mitigate the effect of condensation, heating resistors are
placed around the optical module, which are meant to dissipate
enough heat to clear out dew formation as the need arises. When
selecting resistors for this purpose, a compromise is needed
between the desired temperature rise and the current drawn
from the power supply.
Note that this heating block significantly increases the total
system power required by the design. Using lower resistance
values generates more heat but draws more supply current.
For battery-powered systems, lower resistance values also
results in a shorter battery life and must be an additional
design consideration.
Figure 9. Infrared Image of the CN-0537 Heating Resistors
The CN-0537 reference design uses a parallel combination of
three 25 Ω resistors, resulting in a temperature increase of
10°C to 20°C. A transistor switch allows the microcontroller
board to activate the heating circuit block through a pulse
width modulated (PWM) output or a general-purpose
input/output (GPIO) pin.
Figure 10. Placement of Heating Resistors
System Power Management
Power to the CN-0537 is sourced from the controller board
through the Arduino form-factor connectors and the most
active devices in the circuit are directly powered by the 3.3 V
and 5 V supplies. The ADPD188BI, however, requires supply
voltage levels of 1.8 V, 3.3 V, and ≥5 V for proper operation.
To produce the 1.8 V required to power the ADPD188BI, the
3.3 V regulated power is fed into an ADP151. This CMOS linear
regulator has an input voltage range of 2.2 V to 5.5 V and a
maximum output current of 200 mA. The output voltage of
the ADP151 is fixed to 1.8 V during production of the device
and only requires input and output capacitors for operation,
greatly simplifying the circuit design.
Figure 11. ADP151 Basic Connections
Similarly, to produce the voltage required to power the
integrated blue LED of the ADPD188BI, the 5 V supply is fed
into an LT8410 ultra-low power boost converter, implemented as
shown in Figure 12.
Figure 12. LT8410 Basic Connections
The regulated output of the LT8410 is directly related to the
voltage level on its positive feedback pin (FBP). To produce a
desired level of VOUT, the necessary level of VFBP is calculated
using Equation 18.
VFBP = VOUT ÷ 31.85
(18)
where:
VFBP is the voltage across the FBP pin and GND in V.
VOUT is the desired output voltage in V.
For an output voltage of 6 V, Equation 18 results in a VFBP of
approximately 0.1884 V. To achieve this voltage level, a simple
voltage divider is used with the integrated 1.235 V reference
voltage of the LT8410, as shown in Figure 12. When selecting
resistors for the voltage divider, ensure that the series
resistance is greater than 200 kΩ to avoid loading down the
VREF pin.
As recommended by the LT8410 data sheet, the capacitors
used for the input and output pins have values of 2.2 µF and
1 µF, respectively and 0.1 µF capacitors are used for the CAP
and VREF pins.
6
VIN = 3.3V
VOUT = 1.8V
1µF
1µF
5
4
VIN
NC
ON
OFF
EN
VOUT
NC
GND
1
2
3
ADP151
SW
VIN = 5V
VOUT = 6V
CIN
2.2µF
L1
100µH
0.1µF
0.1µF
CAP
GND
FBP
SHDN
VREF
330kΩ
59kΩ
VCC
VOUT
LT8410
COUT
1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com