Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 5 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Circuit Note
CN-0537
Rev. A | Page 5 of 8
When selecting a sensor, the component size is the primary
consideration because space is at a premium inside a chamber.
In this reference design, the default sensor has temperature
and humidity accuracy ratings of ±0.2°C and ±2% relative
humidity, respectively.
Using a Smoke Chamber with the ADPD188BI
Most smoke detector solutions available in the market use
smoke chambers to help reject ambient light, reduce internal
light pollution, and minimize the risk of insects or spiders
interfering with the readings. For the ADPD188BI, using a
smoke chamber causes a constant background signal to appear
in the readings due to light scattering from the chamber surface.
It is critical that the level of the background signal be kept
similar or below the alarm threshold to avoid significant
errors in the readings.
Figure 6. Background Signal Appearing on ADPD188BI Readings
The response of the ADPD188BI to the chamber can also be
expressed in a power transfer ratio (PTR), adding to the
smoke response and must be considered when interpreting
the PTR data of the device.
PTRTOTAL = PTRCHAMBER + PTRSMOKE
(17)
where:
PTRTOTAL is the total power transfer ratio in nW/mW.
PTRCHAMBER is the ratio of the received optical power from the
inside of the chamber surface to the transmitted optical
power, in nW/mW.
PTRSMOKE is the ratio of the received optical power due to
smoke particles scattering the transmitted optical power, in
nW/mW.
Figure 7. Backscattering of Light by the Chamber Walls and Smoke
The ADPD188BI uses the Analog Devices, Inc., proprietary
smoke chamber that is specifically designed to meet device
and industry requirements. The internal geometry of this
smoke chamber allows for the highest signal-to-noise ratio
(SNR) readings and, therefore, optimal PTR values for the
ADPD188BI.
The mechanical design was qualified using stress tests
specified by industry standards, such as JESD22-A101,
JESD22-A103, JESD22-A104, UL 217, UL 268, EN 54, and
AEC-Q100. The chamber is also significantly smaller than
most existing solutions due to the size of the ADPD188BI
relative to discrete smoke detectors. The design only
measures 36 mm across the ends of its two large flanges and
leaves an internal area of 109.36 mm2 underneath it.
Conventional smoke chamber designs are incompatible with
the ADPD188BI because the integrated optoelectronics of the
ADPD188BI use a backscattering system as opposed to the
forward scattering system used by traditional smoke detectors.
Figure 8. ADPD188BI with Smoke Chamber
Anticondensation Heating
For some regions of the world, condensation can be a nuisance
that must be dealt with to maintain the effectiveness of the
smoke detection unit. To address this condensation, CN-0537
provides optional heater resistors and a humidity sensor to
enable custom algorithm development. If dew and condensation
may form on the inside surface of the chamber, it can cause
light scattering that appears as smoke to the system. This
light scattering is particularly problematic in the more
humid, tropical regions of the world where condensation
formation is a common occurrence.
1200
100
200
400
600
300
500
700
900
1100
800
1000
0
300
200
250
150
100
50
SAMPLES
BLUE CH3
BLUE CH4
IR CH3
IR CH4
PLED
CHAMBER WALLS
PPD CHAMBER
LIGHT RECEIVED
BY PD FROM THE
CHAMBER WALLS
PPD SMOKE
LIGHT RECEIVED
BY PD FROM SMOKE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com