Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 7 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Circuit Note
CN-0537
Rev. A | Page 7 of 8
When selecting an inductor, the LT8410 data sheet recommends
an inductor with at least 45 µH and a saturation current rating
higher than the peak inductor current. Use Equation 19 to
calculate the maximum peak inductor current.
6
150 10
IN
PK
LIMIT
V
II
L
−
××
=
+
(19)
where:
IPK is the peak inductor current in mA.
ILIMIT is the switch current limit in mA.
VIN is the input voltage in V.
L is the inductance in H.
A 100 µH inductor was used in this design and substituting
this value in the equation results in a peak inductor current of
37.5 mA for an input voltage of 5 V and a maximum switch
current limit of 30 mA.
Use Equation 20 to Equation 23 to determine the maximum
output current of the LT8410 circuit.
6
(
1
) 200 10
OUT
IN
RIPPLE
VV
I
L
−
+−
×
×
=
(20)
()
2
RIPPLE
IN AVG
PK
I
II
=
−
(21)
()
()
0.7
IN AVG
IN
OUT NOM
OUT
I
V
I
V
×
×
=
(22)
IOUT = IOUT(NOM) × 0.8
(23)
where:
IRIPPLE is the inductor ripple current in mA.
IIN(AVG) is the average LT8410 input current in mA.
IOUT(NOM) is the nominal output current in mA.
IOUT is the maximum output current in mA.
Substituting the inductance of 100 µH and a peak inductor
current of 37.5 mA into these equations results in a maximum
output current of 14.23 mA for an input voltage of 5 V and a
typical switch current limit of 25 mA. Simulating this LT8410
circuit in LTspice® across a range of load currents results in
the efficiency plot shown in Figure 13.
Figure 13. LT8410 Efficiency vs. Load Current Plot
Use Equation 24 to calculate the amount of supply current for
each LED required by the ADPD188BI from the ADP151 and
LT8410 circuits.
ILED_AVE_x = SLOTx_LED_WIDTH × ILED1_PK × DR ×
PULSE_COUNT
(24)
where:
ILED_AVE_x is the average LED supply current in mA for Time
Slot A or Time Slot B.
SLOTx_LED_WIDTH is the blue LED pulse width in seconds
for Time Slot A or Time Slot B.
ILEDx_PK is the peak current in mA (calculated using Equation 3
to Equation 6).
DR is the output data rate in Hz.
PULSE_COUNT is the number of LED pulses in Time Slot A
or Time Slot B.
COMMON VARIATIONS
If humidity sensing is not needed for the smoke detection
algorithm, the ADT7302 digital temperature sensors can be
used in place of the ADPD188BI. The ADT7302 has a small
footprint that can be placed under the chamber, an accuracy
of 2°C with a resolution of 0.03125°C, but comes at a fraction
of the cost of the default sensor (ADPD188BI).
CIRCUIT EVALUATION AND TEST
The following section outlines the general setup for evaluating
the CN-0537. For complete setup and other detailed instructions
see the EVAL-CN0537-ARDZ Hardware User Guide.
Equipment Needed
The following equipment is needed:
EVAL-CN0537-ARDZ
EVAL-ADICUP3029
Micro SD card
Micro USB to USB Type A cable
PC or laptop with a USB port
Serial terminal application
CN0537.hex file
Setup and Test
For system evaluation, the CN-0537 includes demonstration
application software that allows the user to communicate to
the on-board ADPD188BI using the EVAL-ADICUP3029
development platform. Take the following steps to use this
software:
1. Download the latest version of the CN-0537
demonstration application software (*.hex) file from the
EVAL-CN0537-ARDZ Hardware User Guide.
100
40
50
70
90
60
80
0.01
100
10
1
0.1
LOAD CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com