Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 2 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CN-0537
Circuit Note
Rev. A | Page 2 of 8
Figure 1. CN-0537 Block Diagram
CIRCUIT DESCRIPTION
Smoke Detection Using the ADPD188BI
The ADPD188BI optical module is a complete photometric
system specifically designed for smoke detection applications.
Using the ADPD188BI in place of traditional, discrete smoke
detector circuits greatly simplifies the design as the opto-
electronics (consisting of two LEDs and two photodetectors)
and the analog front end (AFE) are already integrated into
the package.
To perform smoke detection, the ADPD188BI utilizes a dual-
wavelength technique: two integrated LEDs emit light at two
different wavelengths and one LED at 470 nm (blue light) and
the other LED at 850 nm (infrared light). These LEDs are
pulsed in two independent time slots, and the transmitted light is
scattered back onto the device by particulate matter in the air.
Figure 2. Backscattering of Light from ADPD188BI LEDs
Two integrated photodetectors then receive the scattered light
and produce proportional levels of output current, which are
converted internally by the AFE into digital code. Assuming the
LED optical power is kept constant, an increase in ADPD188BI
output values over time indicates an increase or buildup in
airborne particles.
UL 217 and UL 268 Smoke and Fire Test Algorithm
The UL 217 and UL 268 standards require detectors to respond
to different types of fire and smoke within a specific window
of time and obscuration. Table 1 lists the obscuration
percentage and response time requirements for each UL 217
and UL 268 test.
Table 1. Fire Conditions and Specifications
Fire Condition
Alarm Time
Specification1
Alarm
Obscuration
Specification1
Wood Fire
<4 minutes
N/A
Paper Fire
<4 minutes
N/A
Polyurethane Fire
<4 minutes
<5 % per foot
Smoldering
Polyurethane Fire
N/A
<12 % per foot
Smoldering Wood
N/A
<10 % per foot
Hamburger Nuisance
Test
N/A
Not before
<1.5% per foot
1
N/A means not applicable.
For the CN-0537 reference design, these specifications are
met by analyzing the blue and infrared (IR) output data of the
ADPD188BI through a smoke detection algorithm.
ADP151-1.8
VDD1
SCATTERED BLUE/IR LIGHT
SMOKE CHAMBER
+5V
+3.3V
+3.3V
+5V TO +6V
+1.8V
LT8410
SPI INTERFACE
TEMPERATURE
AND
HUMIDITY
SENSOR
TEMPERATURE AND
HUMIDITY DATA
I2C INTERFACE
ENABLE VIA GPIO
VDD2
INTEGRATED OPTICAL MODULE
FOR SMOKE DETECTION
VLED3
BLUE/IR
DATA
VLED1
PDET2
PDET1
PDC
ADPD188BI
VLED3
IR
BLUE
VLED1
EMITTED BLUE/IR LIGHT
VDD
+3.3V
MICRO-SD CARD
BLUE/IR DATA
ADICUP3029 WITH
SMOKE AND FIRE
DETECTION ALGORITHM
VDD
HEATER_EN
+5V
HEATING RESISTORS
BUZZER_EN
BUZZER
LED_EN
ALARM LED
TEST BUTTON
+5V
ALARM INDICATORS
+5V
NOT REQUIRED FOR
THE REGULATIONS
OPTIONAL BOOST
REGULATOR
LIGHT SOURCE (L)
RECEIVER INCLUDING
DETECTOR (S)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com