Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 3 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Circuit Note
CN-0537
Rev. A | Page 3 of 8
The EVAL-CN0537-ALGO algorithm was specifically designed
for detecting fire conditions using the ADPD188BI sensor
and optimized smoke chamber, as defined by the UL 217 and
UL 268 standards. The algorithm itself was tuned and verified
through a large data set, EVAL-CN0537-DATA, captured
from many ADPD188BI devices across all of the test scenarios
defined in Table 1. The tests were performed at certified
OSHA approved laboratories specializing in fire and life
safety. The EVAL-CN0537-DATA data set includes reference
measurements to understand sensor performance and alarm
conditions for different smoke sources. An example smoke
profile is shown in Figure 3, where the IR and blue sensor
measures are compared against the reference smoke obscuration
data under the Hamburger and Polyurethane test scenario.
Because battery powered devices are a common use case for
smoke detectors, the EVAL-CN0537-ALGO was designed
and built to minimize the output data required from the
ADPD188BI, along with the number of microcontroller
computations necessary while still meeting the strict UL 217
and UL 268 standards. For more details on the testing validation,
see the test results.
Figure 3. Smoke Profile for Burger Polyurethane Test
Calculating the Power Transfer Ratio
The smoke response of the ADPD188BI is best expressed as a
ratio of the received optical power to the transmitted optical
power. Referred to as the power transfer ratio (PTR), this
parameter is a much more meaningful value than the raw
output codes, as it is independent of the actual hardware
settings used. Additionally, obscuration level, the standard
unit of measurement for smoke detectors, is directly related
to the PTR, as shown in Equation 1.
PTR = γβ
(1)
where:
PTR is the power transfer ratio in nW/mW.
γ is the ADPD188BI scaling factor (0.64 typical for blue
light and 0.24 typical for infrared light).
β is the obscuration level in ft-1.
Figure 4. Blue LED PTR, IR LED PTR, and Obscuration Level
For each LED, the PTR can be calculated using Equation 2.
_
11
PD
PD
LEDx
LEDx PK
PD
LED
PI
PTR
PI
R
η
=
=
××
(2)
where:
PTR is the power transfer ratio of the LED in nW/mW.
IPD is the photodetector current in nA.
ILEDx_PK is the peak LED current in mA.
RPD is the photodetector responsivity in A/W (0.26 typical
for blue light and 0.41 typical for infrared light).
ηLEDx is the LED efficiency in W/A.
Calculating the ILED and IPD
The ADPD188BI allows for configuring the peak currents of
each LED through a combination of course and fine adjustment
registers and a current scale factor. The peak LED current can
be calculated using Equation 3 to Equation 6.
ILEDx_PK = ILEDx(COURSE) + ILEDx(FINE) + ILEDx(SCALE)
(3)
ILEDx(COURSE) = 50.3 + 19.8 × ILSEDx_COURSE
(4)
ILEDx(FINE) = 0.74 + 0.022 × ILEDx_FINE
(5)
ILEDx(SCALE) = 0.1 + 0.9 × ILEDx_SCALE
(6)
where:
ILEDx_PK is the peak LED current in mA.
ILEDx(COURSE) is the LED course current in mA.
ILEDx(FINE) is the LED fine current in mA.
ILEDx(SCALE) is the LED current scaling in mA.
ILEDx_COURSE, ILEDx_FINE, and ILEDx_SCALE are the
values for the control registers for each LED. For the integrated
blue LED, these can be set in Register Address 0x23 and
Register Address 0x25. For the integrated infrared LED,
these can be set in Register Address 0x22 and Register
Address 0x25. Note that in the ADPD188BI registers, the
blue LED is LEDX1 and the infrared LED is LEDX3.
8
–1
1
0
2
3
5
7
4
6
8
–1
1
0
2
3
5
7
4
6
0
1200
1400
1000
800
600
400
200
TIME (Seconds)
REFERENCE OBSCURATION
IR
BLUE
OBSCURATION
WINDOW
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
6.5
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.8
–0.2
TIME (PM)
END
IGNITE
12%
ALARM THRESHOLD
AT 5% PER FOOT
OBSCURATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com